Electronic Components Datasheet Search
  English  ▼

X  

VN7140AS12 Datasheet(PDF) 7 Page - STMicroelectronics

Part # VN7140AS12
Description  High-side driver with Multisense analog feedback for automotive applications
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7140AS12 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VN7140AS12 Datasheet HTML 3Page - STMicroelectronics VN7140AS12 Datasheet HTML 4Page - STMicroelectronics VN7140AS12 Datasheet HTML 5Page - STMicroelectronics VN7140AS12 Datasheet HTML 6Page - STMicroelectronics VN7140AS12 Datasheet HTML 7Page - STMicroelectronics VN7140AS12 Datasheet HTML 8Page - STMicroelectronics VN7140AS12 Datasheet HTML 9Page - STMicroelectronics VN7140AS12 Datasheet HTML 10Page - STMicroelectronics VN7140AS12 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
VN7140AS12
Electrical specification
DocID029756 Rev 2
7/39
2
Electrical specification
Figure 3: Current and voltage conventions
VF = VOUT - VCC during reverse battery condition.
2.1
Absolute maximum ratings
The following table shows the device stress ratings; the device operation at these or any
other conditions above those indicated in the operating sections of this specification is not
implied. Exposure to the conditions in the table below for extended periods may affect
device reliability.
Table 3: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
38
V
-VCC
Reverse DC supply voltage
0.3
VCCPK
Maximum transient supply voltage (ISO 16750-2:2010 Test B
clamped to 40 V; RL = 4
Ω)
40
V
VCCJS
Maximum jump start voltage for single pulse short circuit
protection
28
V
-IGND
DC reverse ground pin current
200
mA
IOUT
OUTPUT DC output current
Internally
limited
A
-IOUT
Reverse DC output current
3
IIN
INPUT DC input current
-1 to 10
mA
ISEn
SEn DC input current
ISENSE
Multisense pin DC output current (VGND = VCC and VSENSE < 0 V)
10
mA
Multisense pin DC output current in reverse (VCC < 0 V)
-20
OUTPUT
Multisense
SEn
INPUT
I IN
I SEn
I GND
VSENSE
VOUT
VCC
VFn
I S
I OUT
I SENSE
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com