Electronic Components Datasheet Search
  English  ▼

X  

VN7140AS12 Datasheet(PDF) 34 Page - STMicroelectronics

Part # VN7140AS12
Description  High-side driver with Multisense analog feedback for automotive applications
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7140AS12 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button VN7140AS12 Datasheet HTML 30Page - STMicroelectronics VN7140AS12 Datasheet HTML 31Page - STMicroelectronics VN7140AS12 Datasheet HTML 32Page - STMicroelectronics VN7140AS12 Datasheet HTML 33Page - STMicroelectronics VN7140AS12 Datasheet HTML 34Page - STMicroelectronics VN7140AS12 Datasheet HTML 35Page - STMicroelectronics VN7140AS12 Datasheet HTML 36Page - STMicroelectronics VN7140AS12 Datasheet HTML 37Page - STMicroelectronics VN7140AS12 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
Package information
VN7140AS12
34/39
DocID029756 Rev 2
Ref.
Dimensions
Millimeters
Min.
Typ.
Max.
L
0.40
1.27
L1
1.04
k
0º
8º
ccc
0.10
7.2
SO-8 packing information
Figure 43: Reel for SO-8
Table 17: Reel dimensions
Description
Value(1)
Base quantity
2500
Bulk quantity
2500
A (max)
330
B (min)
1.5
C (+0.5, -0.2)
13
D (min)
20.2
N
100
W1 (+2/ -0)
12.4
W2 (max)
18.4
Notes:
(1)All dimensions are in mm.
TAPG2004151655CFT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com