Electronic Components Datasheet Search
  English  ▼

X  

VN7140AS12 Datasheet(PDF) 10 Page - STMicroelectronics

Part # VN7140AS12
Description  High-side driver with Multisense analog feedback for automotive applications
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7140AS12 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VN7140AS12 Datasheet HTML 6Page - STMicroelectronics VN7140AS12 Datasheet HTML 7Page - STMicroelectronics VN7140AS12 Datasheet HTML 8Page - STMicroelectronics VN7140AS12 Datasheet HTML 9Page - STMicroelectronics VN7140AS12 Datasheet HTML 10Page - STMicroelectronics VN7140AS12 Datasheet HTML 11Page - STMicroelectronics VN7140AS12 Datasheet HTML 12Page - STMicroelectronics VN7140AS12 Datasheet HTML 13Page - STMicroelectronics VN7140AS12 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Electrical specification
VN7140AS12
10/39
DocID029756 Rev 2
Table 7: Switching
VCC = 13 V; -40 °C < Tj < 150 °C, unless otherwise specified
Symbol
Parameter
Test
conditions
Min.
Typ.
Max.
Unit
td(on)(1)(1)
Turn-on delay time at Tj = 25 °C
RL =
13 Ω
10
70
120
µs
td(off)(1)
Turn-off delay time at Tj = 25 °C
10
40
100
(dVOUT/dt)on(1)
Turn-on voltage slope at
Tj = 25 °C
RL =
13 Ω
0.1
0.27
0.7
V/µs
(dVOUT/dt)off(1)
Turn-off voltage slope at
Tj = 25 °C
0.1
0.35
0.7
WON
Switching energy losses at turn-
on (twon)
RL =
13 Ω
—
0.15
0.18(2)(2)
mJ
WOFF
Switching energy losses at turn-
off (twoff)
RL =
13 Ω
—
0.1
0.18(2)
mJ
tSKEW(1)
Differential Pulse skew (tPHL - tPLH)
RL =
13 Ω
-100
-50
0
µs
Notes:
(1)SeeFigure 6: "Switching time and pulse skew"
(2)Parameter guaranteed by design and characterization; not subject to production test.
Table 8: Logic inputs
7 V < VCC < 28 V; -40 °C < Tj < 150 °C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Input characteristics
VIL
Input low level voltage
0.9
V
IIL
Low level input current
VIN = 0.9 V
1
µA
VIH
Input high level voltage
2.1
V
IIH
High level input current
VIN = 2.1 V
10
µA
VI(hyst)
Input hysteresis voltage
0.2
V
VICL
Input clamp voltage
IIN = 1 mA
5.3
7.2
V
IIN = -1 mA
-0.7
SEn characteristics (7 V < VCC < 18 V)
VSEnL
Input low level voltage
0.9
V
ISEnL
Low level input current
VIN = 0.9 V
1
µA
VSEnH
Input high level voltage
2.1
V
ISEnH
High level input current
VIN = 2.1 V
10
µA
VSEn(hyst)
Input hysteresis voltage
0.2
V
VSEnCL
Input clamp voltage
IIN = 1 mA
5.3
7.2
V
IIN = -1 mA
-0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com