Electronic Components Datasheet Search
  English  ▼

X  

VN7140AS12 Datasheet(PDF) 18 Page - STMicroelectronics

Part # VN7140AS12
Description  High-side driver with Multisense analog feedback for automotive applications
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7140AS12 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VN7140AS12 Datasheet HTML 14Page - STMicroelectronics VN7140AS12 Datasheet HTML 15Page - STMicroelectronics VN7140AS12 Datasheet HTML 16Page - STMicroelectronics VN7140AS12 Datasheet HTML 17Page - STMicroelectronics VN7140AS12 Datasheet HTML 18Page - STMicroelectronics VN7140AS12 Datasheet HTML 19Page - STMicroelectronics VN7140AS12 Datasheet HTML 20Page - STMicroelectronics VN7140AS12 Datasheet HTML 21Page - STMicroelectronics VN7140AS12 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Electrical specification
VN7140AS12
18/39
DocID029756 Rev 2
Figure 13: IGND(ON) vs. Tcase
Figure 14: Logic input high level voltage
Figure 15: Logic input low level voltage
Figure 16: High level logic input current
Figure 17: Low level logic input current
Figure 18: Logic input hysteresis voltage
GAPGCFT01223
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-50
-25
0
25
50
75
100
125
150
175
T [ °C]
IGND(ON) [mA]
Vcc = 13V
Iout0 = Iout1 = 1A
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
175
T [°C]
ViH, VSEnH [V]
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
175
T [ °C]
VilL , VSE nL [V]
0
0.5
1
1.5
2
2.5
3
3.5
4
-50
-25
0
25
50
75
100
125
150
175
T [°C]
Ii H, ISEnH [ µA]
0
0.5
1
1.5
2
2.5
3
3.5
4
-50
-25
0
25
50
75
100
125
150
175
T [°C]
Ii L, I SEnL [µA]
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
150
175
T [°C]
Vi(hyst), VSEn(hyst) [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com