Electronic Components Datasheet Search
  English  ▼

X  

VN7140AS12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN7140AS12
Description  High-side driver with Multisense analog feedback for automotive applications
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7140AS12 Datasheet(HTML) 1 Page - STMicroelectronics

  VN7140AS12 Datasheet HTML 1Page - STMicroelectronics VN7140AS12 Datasheet HTML 2Page - STMicroelectronics VN7140AS12 Datasheet HTML 3Page - STMicroelectronics VN7140AS12 Datasheet HTML 4Page - STMicroelectronics VN7140AS12 Datasheet HTML 5Page - STMicroelectronics VN7140AS12 Datasheet HTML 6Page - STMicroelectronics VN7140AS12 Datasheet HTML 7Page - STMicroelectronics VN7140AS12 Datasheet HTML 8Page - STMicroelectronics VN7140AS12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
February 2018
DocID029756 Rev 2
1/39
This is information on a product in full production.
www.st.com
VN7140AS12
High-side driver with Multisense analog feedback for automotive
applications
Datasheet - production data
Features
Max transient supply voltage
VCC
40 V
Operating voltage range
VCC
4 to
28 V
Typ. on-state resistance (per
Ch)
RON
140
mΩ
Minimum cranking supply
voltage
(VCC decreasing)
VUSD_Cranking
2.85 V
Current limitation (typ.)
ILIMH
12 A
Standby current (max.)
ISTBY
0.5 µA
AEC-Q100 qualified
Extreme low voltage operation for deep cold
cranking applications (compliant with LV124,
revision 2013)
General
Single channel smart high-side driver
with Multisense analog feedback
Very low standby current
Compatible with 3 V and 5 V CMOS
outputs
Multisense diagnostic functions
Analog feedback of load current with
high precision proportional current
mirror
Overload and short to ground (power
limitation) indication
Thermal shutdown indication
OFF-state open-load detection
Output short to VCC detection
Sense enable/disable
Protections
Undervoltage shutdown
Overvoltage clamp
Load current limitation
Self limiting of fast thermal transients
Loss of ground and VCC
Reverse battery with external
components
Electrostatic discharge protection
Applications
All types of automotive resistive, inductive
and capacitive loads
Specially intended for automotive signal
lamps (up to R10W or LED Rear
Combinations)
Description
The device is single channel high-side driver
manufactured using ST proprietary VIPower®
M0-7 technology and housed in the SO-8
package. It is designed to drive 12 V automotive
grounded loads through a 3 V and 5 V CMOS-
compatible interface, and to provide protection
and diagnostics.
The device integrates advanced protective
functions such as load current limitation, overload
active management by power limitation and
overtemperature shutdown.
A dedicated Multisense pin delivers high
precision proportional load current sense, in
addition to the detection of overload and short
circuit to ground, short to VCC and OFF-state
open-load.
A sense enable pin allows OFF-state diagnosis to
be disabled during the module low-power mode
as well as external sense resistor sharing among
similar devices.


Similar Part No. - VN7140AS12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7140AS STMICROELECTRONICS-VN7140AS Datasheet
2Mb / 55P
High-side driver with MultiSense analog feedback for automotive applications
13-Oct-2016
VN7140AS STMICROELECTRONICS-VN7140AS Datasheet
2Mb / 45P
High-side driver with MultiSense analog feedback for automotive applications
04-Apr-2019
VN7140ASTR STMICROELECTRONICS-VN7140ASTR Datasheet
2Mb / 55P
High-side driver with MultiSense analog feedback for automotive applications
13-Oct-2016
VN7140ASTR STMICROELECTRONICS-VN7140ASTR Datasheet
2Mb / 45P
High-side driver with MultiSense analog feedback for automotive applications
04-Apr-2019
More results

Similar Description - VN7140AS12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7010AJ STMICROELECTRONICS-VN7010AJ Datasheet
1Mb / 45P
High-side driver with MultiSense analog feedback for automotive applications
19-May-2015
VNQ7140AJ-E STMICROELECTRONICS-VNQ7140AJ-E Datasheet
1Mb / 48P
Quad channel high-side driver with MultiSense analog feedback for automotive applications
22-Oct-2014
VN7020AJ STMICROELECTRONICS-VN7020AJ Datasheet
7Mb / 46P
High-side driver with MultiSense analog feedback for automotive applications
02-Oct-2016
VN7040AJ STMICROELECTRONICS-VN7040AJ Datasheet
8Mb / 55P
High-side driver with MultiSense analog feedback for automotive applications
02-Oct-2016
VN7050AJ STMICROELECTRONICS-VN7050AJ Datasheet
8Mb / 55P
High-side driver with MultiSense analog feedback for automotive applications
02-Oct-2016
VN7140AJ STMICROELECTRONICS-VN7140AJ Datasheet
2Mb / 55P
High-side driver with MultiSense analog feedback for automotive applications
13-Oct-2016
VND7012AY STMICROELECTRONICS-VND7012AY Datasheet
2Mb / 45P
Double channel high-side driver with MultiSense analog feedback for automotive applications
July 2016 Rev 4
VND7020AJ-E STMICROELECTRONICS-VND7020AJ-E Datasheet
1Mb / 48P
Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 10
VND7040AJ-E STMICROELECTRONICS-VND7040AJ-E Datasheet
1,009Kb / 48P
Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 9
VN7000AY STMICROELECTRONICS-VN7000AY Datasheet
3Mb / 48P
High-side driver with MultiSense analog feedback for automotive applications
01-Aug-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com