Electronic Components Datasheet Search
  English  ▼

X  

VN7140AS12 Datasheet(PDF) 8 Page - STMicroelectronics

Part # VN7140AS12
Description  High-side driver with Multisense analog feedback for automotive applications
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7140AS12 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VN7140AS12 Datasheet HTML 4Page - STMicroelectronics VN7140AS12 Datasheet HTML 5Page - STMicroelectronics VN7140AS12 Datasheet HTML 6Page - STMicroelectronics VN7140AS12 Datasheet HTML 7Page - STMicroelectronics VN7140AS12 Datasheet HTML 8Page - STMicroelectronics VN7140AS12 Datasheet HTML 9Page - STMicroelectronics VN7140AS12 Datasheet HTML 10Page - STMicroelectronics VN7140AS12 Datasheet HTML 11Page - STMicroelectronics VN7140AS12 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Electrical specification
VN7140AS12
8/39
DocID029756 Rev 2
Symbol
Parameter
Value
Unit
EMAX
Maximum switching energy (single pulse) (TDEMAG = 0.4 ms;
Tjstart = 150 °C)
10
mJ
VESD
Electrostatic discharge (JEDEC 22A-114F)
INPUT
Multisense
SEn
OUTPUT
VCC
4000
2000
4000
4000
4000
V
V
V
V
V
VESD
Charge device model (CDM-AEC-Q100-011)
750
V
Tj
Junction operating temperature
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
2.2
Thermal data
Table 4: Thermal data
Symbol
Parameter
Typ. value
Unit
Rthj-board
Thermal resistance junction-board (JEDEC JESD 51-8) (1)(1)
31
°C/W
Rthj-amb
Thermal resistance junction-ambient (JEDEC JESD 51-2)(2)
71
Rthj-amb
Thermal resistance junction-ambient (JEDEC JESD 51-2)(1)
48.5
Notes:
(1)Device mounted on four-layers 2s2p PCB
(2)Device mounted on two-layers 2s0p PCB with 2 cm2 heatsink copper trace
2.3
Main electrical characteristics
7 V < VCC < 28 V; -40°C < Tj < 150°C, unless otherwise specified.
All typical values refer to VCC = 13 V; Tj = 25°C, unless otherwise specified.
Table 5: Electrical characteristics during cranking
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VUSD_Cranking
Minimum cranking supply
voltage (VCC decreasing)
2.85
V
RON
On-state resistance
IOUT = 0.2 A;
VCC = 2.85 V; VCC
decreasing
1400
mΩ
TTSD(1)
Shutdown temperature (VCC
decreasing)
VCC = 2.85 V
140
°C
Notes:
(1)Parameter guaranteed by design and characterization; not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com