Electronic Components Datasheet Search
  English  ▼

X  

VN7140AS12 Datasheet(PDF) 17 Page - STMicroelectronics

Part # VN7140AS12
Description  High-side driver with Multisense analog feedback for automotive applications
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7140AS12 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VN7140AS12 Datasheet HTML 13Page - STMicroelectronics VN7140AS12 Datasheet HTML 14Page - STMicroelectronics VN7140AS12 Datasheet HTML 15Page - STMicroelectronics VN7140AS12 Datasheet HTML 16Page - STMicroelectronics VN7140AS12 Datasheet HTML 17Page - STMicroelectronics VN7140AS12 Datasheet HTML 18Page - STMicroelectronics VN7140AS12 Datasheet HTML 19Page - STMicroelectronics VN7140AS12 Datasheet HTML 20Page - STMicroelectronics VN7140AS12 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
VN7140AS12
Electrical specification
DocID029756 Rev 2
17/39
2.4
Waveforms
Figure 9: Standby mode activation
Figure 10: Standby state diagram
2.5
Electrical characteristics curves
Figure 11: OFF-state output current
Figure 12: Standby current
GAPGCFT01221
0
20
40
60
80
100
120
140
160
-50
-25
0
25
50
75
100
125
150
175
T [°C]
Iloff [nA]
Off State
Vcc = 13V
Vin = Vout = 0
GAPGCFT01222
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
150
175
T [°C]
ISTBY [ µA]
Vcc = 13V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com