Electronic Components Datasheet Search
  English  ▼

X  

VN7140ASTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # VN7140ASTR
Description  High-side driver with MultiSense analog feedback for automotive applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7140ASTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VN7140ASTR Datasheet HTML 2Page - STMicroelectronics VN7140ASTR Datasheet HTML 3Page - STMicroelectronics VN7140ASTR Datasheet HTML 4Page - STMicroelectronics VN7140ASTR Datasheet HTML 5Page - STMicroelectronics VN7140ASTR Datasheet HTML 6Page - STMicroelectronics VN7140ASTR Datasheet HTML 7Page - STMicroelectronics VN7140ASTR Datasheet HTML 8Page - STMicroelectronics VN7140ASTR Datasheet HTML 9Page - STMicroelectronics VN7140ASTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
Symbol Parameter
Value
Unit
EMAX
Maximum switching energy (single pulse) (TDEMAG = 0.4 ms; Tjstart = 150 °C)
10
mJ
VESD
Electrostatic discharge (JEDEC 22A-114F)
V
INPUT
4000
MultiSense
2000
SEn, SEL0,1, FaultRST
4000
OUTPUT
VCC
VESD
Charge device model (CDM-AEC-Q100-011)
750
V
Tj
Junction operating temperature
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
2.2
Thermal data
Table 4. Thermal data
Symbol
Parameter
Typ. value
Unit
SO-8
PowerSSO-16
Rthj-board
Thermal resistance junction-board
(JEDEC JESD 51-8) (1)
31
7.9
°C/W
Rthj-amb
Thermal resistance junction-ambient
(JEDEC JESD 51-2)(2)
71
61
Rthj-amb
Thermal resistance junction-ambient
(JEDEC JESD 51-2)
48.5
26.5
1. Device mounted on four-layers 2s2p PCB
2. Device mounted on two-layers 2s0p PCB with 2 cm2 heatsink copper trace
2.3
Main electrical characteristics
7 V < VCC < 28 V; -40°C < Tj < 150°C, unless otherwise specified.
All typical values refer to VCC = 13 V; Tj = 25°C, unless otherwise specified.
Table 5. Power section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC
Operating supply voltage
4
13
28
V
VUSD
Undervoltage shutdown
4
V
VUSDReset
Undervoltage shutdown reset
5
V
VUSDhyst
Undervoltage shutdown
hysteresis
0.3
V
RON
On-state resistance
IOUT = 1 A; Tj = 25°C
140
mΩ
IOUT = 1 A; Tj = 150°C
280
IOUT = 1 A; VCC = 4 V; Tj = 25°C
210
Vclamp
Clamp voltage
IS = 20 mA; 25°C < Tj < 150°C
41
46
52
V
IS = 20 mA; Tj = -40°C
38
V
VN7140AJ, VN7140AS
Thermal data
DS10830 - Rev 4
page 6/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com