Electronic Components Datasheet Search
  English  ▼

X  

VN7140ASTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # VN7140ASTR
Description  High-side driver with MultiSense analog feedback for automotive applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7140ASTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VN7140ASTR Datasheet HTML 3Page - STMicroelectronics VN7140ASTR Datasheet HTML 4Page - STMicroelectronics VN7140ASTR Datasheet HTML 5Page - STMicroelectronics VN7140ASTR Datasheet HTML 6Page - STMicroelectronics VN7140ASTR Datasheet HTML 7Page - STMicroelectronics VN7140ASTR Datasheet HTML 8Page - STMicroelectronics VN7140ASTR Datasheet HTML 9Page - STMicroelectronics VN7140ASTR Datasheet HTML 10Page - STMicroelectronics VN7140ASTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISTBY
Supply current in standby at
VCC = 13 V (1)
VCC = 13 V;
VIN = VOUT = VFR = VSEn = 0 V;
VSEL0,1 = 0 V; Tj = 25°C
0.5
µA
VCC = 13 V;
VIN = VOUT = VFR = VSEn = 0 V;
VSEL0,1 = 0 V; Tj = 85°C (2)
0.5
VCC = 13 V;
VIN = VOUT = VFR = VSEn = 0 V;
VSEL0,1 = 0 V; Tj = 125°C
3
tD_STBY
Standby mode blanking time
VCC = 13 V; VIN = VOUT
= VFR = VSEL0,1 = 0 V;
VSEn = 5 V to 5 V
60
300
550
µs
IS(ON)
Supply current
VCC = 13 V; VSEn = 0 V;
VSEL0,1 = VFR = 0 V; VIN = 5 V;
IOUT = 0 A
3
5
mA
IGND(ON)
Control stage current
consumption in ON-state. All
channels active.
VCC = 13 V; VSEn = 5 V;
VFR = VSEL0,1 = 0 V; VIN = 5 V;
IOUT = 1 A
6
mA
IL(off)
Off-state output current at
VCC = 13 V
VIN = VOUT = 0 V; VCC = 13 V;
Tj = 25°C
0
0.01
0.5
µA
VIN = VOUT = 0 V; VCC = 13 V;
Tj = 125°C
0
3
VF
Output - VCC diode voltage
IOUT = -1 A; Tj = 150°C
0.7
V
1. PowerMOS leakage included.
2. Parameter specified by design; not subjected to production test.
Table 6. Switching
VCC = 13 V; -40°C < Tj < 150°C, unless otherwise specified
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on) (1)
Turn-on delay time at Tj = 25 °C
RL = 13 Ω
10
70
120
µs
td(off) (1)
Turn-off delay time at Tj = 25 °C
10
40
100
(dVOUT/dt)on (1)
Turn-on voltage slope at Tj = 25 °C
RL = 13 Ω
0.1
0.27
0.7
V/µs
(dVOUT/dt)off (1)
Turn-off voltage slope at Tj = 25 °C
0.1
0.35
0.7
WON
Switching energy losses at turn-on (twon)
RL = 13 Ω
—
0.15
0.18 (2)
mJ
WOFF
Switching energy losses at turn-off (twoff)
RL = 13 Ω
—
0.1
0.18(2)
mJ
tSKEW (1)
Differential Pulse skew (tPHL - tPLH)
RL = 13 Ω
-100
-50
0
µs
1. See Figure 6. Switching time and Pulse skew.
2. Parameter guaranteed by design and characterization; not subjected to production test.
Table 7. Logic inputs
7 V < VCC < 28 V; -40°C < Tj < 150°C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
INPUT characteristics
VN7140AJ, VN7140AS
Main electrical characteristics
DS10830 - Rev 4
page 7/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com