Electronic Components Datasheet Search
  English  ▼

X  

VN7140ASTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN7140ASTR
Description  High-side driver with MultiSense analog feedback for automotive applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7140ASTR Datasheet(HTML) 1 Page - STMicroelectronics

  VN7140ASTR Datasheet HTML 1Page - STMicroelectronics VN7140ASTR Datasheet HTML 2Page - STMicroelectronics VN7140ASTR Datasheet HTML 3Page - STMicroelectronics VN7140ASTR Datasheet HTML 4Page - STMicroelectronics VN7140ASTR Datasheet HTML 5Page - STMicroelectronics VN7140ASTR Datasheet HTML 6Page - STMicroelectronics VN7140ASTR Datasheet HTML 7Page - STMicroelectronics VN7140ASTR Datasheet HTML 8Page - STMicroelectronics VN7140ASTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
Features
Max transient supply voltage
VCC
40 V
Operating voltage range
VCC
4 to 28 V
Typ. on-state resistance (per Ch)
RON
140 mΩ
Current limitation (typ)
ILIMH
12 A
Standby current (max)
ISTBY
0.5 µA
•
AEC-Q100 qualified
•
General
–
Single channel smart high-side driver with MultiSense analog feedback
–
Very low standby current
–
Compatible with 3 V and 5 V CMOS outputs
•
MultiSense diagnostic functions
–
Multiplexed analog feedback of: load current with high precision
proportional current mirror, VCC supply voltage and TCHIP device
temperature
–
Overload and short to ground (power limitation) indication
–
Thermal shutdown indication
–
OFF-state open-load detection
–
Output short to VCC detection
–
Sense enable/disable
•
Protections
–
Undervoltage shutdown
–
Overvoltage clamp
–
Load current limitation
–
Self limiting of fast thermal transients
–
Configurable latch-off on overtemperature or power limitation with
dedicated fault reset pin
–
Loss of ground and loss of VCC
–
Reverse battery with external components
–
Electrostatic discharge protection
Applications
•
All types of automotive resistive, inductive and capacitive loads
•
Specially intended for automotive signal lamps (up to R10W or LED Rear
Combinations)
•
Protected supply for ADAS systems: radars and sensors
Description
The devices are single channel high-side drivers manufactured using ST proprietary
VIPower M0-7 technology and housed in PowerSSO-16 and SO-8 packages. The
Product status link
VN7140AJ
VN7140AS
High-side driver with MultiSense analog feedback for automotive applications
VN7140AJ, VN7140AS
Datasheet
DS10830 - Rev 4 - April 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - VN7140ASTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7140ASTR STMICROELECTRONICS-VN7140ASTR Datasheet
2Mb / 55P
High-side driver with MultiSense analog feedback for automotive applications
13-Oct-2016
More results

Similar Description - VN7140ASTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7010AJ STMICROELECTRONICS-VN7010AJ Datasheet
1Mb / 45P
High-side driver with MultiSense analog feedback for automotive applications
19-May-2015
VNQ7140AJ-E STMICROELECTRONICS-VNQ7140AJ-E Datasheet
1Mb / 48P
Quad channel high-side driver with MultiSense analog feedback for automotive applications
22-Oct-2014
VN7020AJ STMICROELECTRONICS-VN7020AJ Datasheet
7Mb / 46P
High-side driver with MultiSense analog feedback for automotive applications
02-Oct-2016
VN7040AJ STMICROELECTRONICS-VN7040AJ Datasheet
8Mb / 55P
High-side driver with MultiSense analog feedback for automotive applications
02-Oct-2016
VN7050AJ STMICROELECTRONICS-VN7050AJ Datasheet
8Mb / 55P
High-side driver with MultiSense analog feedback for automotive applications
02-Oct-2016
VN7140AJ STMICROELECTRONICS-VN7140AJ Datasheet
2Mb / 55P
High-side driver with MultiSense analog feedback for automotive applications
13-Oct-2016
VND7012AY STMICROELECTRONICS-VND7012AY Datasheet
2Mb / 45P
Double channel high-side driver with MultiSense analog feedback for automotive applications
July 2016 Rev 4
VND7020AJ-E STMICROELECTRONICS-VND7020AJ-E Datasheet
1Mb / 48P
Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 10
VND7040AJ-E STMICROELECTRONICS-VND7040AJ-E Datasheet
1,009Kb / 48P
Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 9
VN7000AY STMICROELECTRONICS-VN7000AY Datasheet
3Mb / 48P
High-side driver with MultiSense analog feedback for automotive applications
01-Aug-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com