Electronic Components Datasheet Search
  English  ▼

X  

VN7140ASTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # VN7140ASTR
Description  High-side driver with MultiSense analog feedback for automotive applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7140ASTR Datasheet(HTML) 2 Page - STMicroelectronics

  VN7140ASTR Datasheet HTML 1Page - STMicroelectronics VN7140ASTR Datasheet HTML 2Page - STMicroelectronics VN7140ASTR Datasheet HTML 3Page - STMicroelectronics VN7140ASTR Datasheet HTML 4Page - STMicroelectronics VN7140ASTR Datasheet HTML 5Page - STMicroelectronics VN7140ASTR Datasheet HTML 6Page - STMicroelectronics VN7140ASTR Datasheet HTML 7Page - STMicroelectronics VN7140ASTR Datasheet HTML 8Page - STMicroelectronics VN7140ASTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
devices are designed to drive 12 V automotive grounded loads through a 3 V and 5 V
CMOS-compatible interface, and to provide protection and diagnostics.
The devices integrate advanced protective functions such as load current limitation,
overload active management by power limitation and overtemperature shutdown with
configurable latch-off.
A FaultRST pin unlatches the output in case of fault or disables the latch-off
functionality.
A dedicated multifunction multiplexed analog output pin delivers sophisticated
diagnostic functions including high precision proportional load current sense, supply
voltage feedback and chip temperature sense, in addition to the detection of overload
and short circuit to ground, short to VCC and OFF-state open-load.
A sense enable pin allows OFF-state diagnosis to be disabled during the module low-
power mode as well as external sense resistor sharing among similar devices.
VN7140AJ, VN7140AS
DS10830 - Rev 4
page 2/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com