Electronic Components Datasheet Search
  English  ▼

X  

VN7140ASTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # VN7140ASTR
Description  High-side driver with MultiSense analog feedback for automotive applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7140ASTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VN7140ASTR Datasheet HTML 12Page - STMicroelectronics VN7140ASTR Datasheet HTML 13Page - STMicroelectronics VN7140ASTR Datasheet HTML 14Page - STMicroelectronics VN7140ASTR Datasheet HTML 15Page - STMicroelectronics VN7140ASTR Datasheet HTML 16Page - STMicroelectronics VN7140ASTR Datasheet HTML 17Page - STMicroelectronics VN7140ASTR Datasheet HTML 18Page - STMicroelectronics VN7140ASTR Datasheet HTML 19Page - STMicroelectronics VN7140ASTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
SEn SEL1 SEL0
MUX channel
MultiSense output
Normal mode
Overload
OFF-state diag. (1)
Negative output
L
N.A.
N.A.
N.A.
Hi-Z
H
N.A.
N.A.
Channel diagnostic ISENSE = 1/K * IOUT VSENSE = VSENSEH VSENSE = VSENSEH
Hi-Z
PowerSSO-16
H
L
L
Channel diagnostic ISENSE = 1/K * IOUT VSENSE = VSENSEH VSENSE = VSENSEH
Hi-Z
H
L
H
Channel diagnostic ISENSE = 1/K * IOUT VSENSE = VSENSEH VSENSE = VSENSEH
Hi-Z
H
H
L
TCHIP Sense
VSENSE = VSENSE_TC
H
H
H
VCC Sense
VSENSE = VSENSE_VCC
1. In case the output channel corresponding to the selected MUX channel is latched off while the relevant input is low,
Multisense pin delivers feedback according to OFF-State diagnostic. Example 1: FR = 1; IN = 0; OUT = L (latched); MUX
channel = channel 0 diagnostic; Mutisense = 0. Example 2: FR = 1; IN = 0; OUT = latched, VOUT > VOL; MUX channel =
channel 0 diagnostic; Mutisense = VSENSEH
2.4
Waveforms
Figure 10. Latch functionality - behavior in hard short-circuit condition (TAMB << TTSD)
Logic
high
Input
t
t > tlatchRST
Fault Reset
Multisense
voltage
Output
Voltage
Output
current
Sense
enable
Logic
high
Logic
high
Junction temperature << TTDS
60°
Logic
high
Hard
short
circuit
Internal
Δ Tj
fault
detection
VsenseH
IlimH
Vout<5V
Vout<5V
GADG1703171451PS
VN7140AJ, VN7140AS
Waveforms
DS10830 - Rev 4
page 16/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com