Electronic Components Datasheet Search
  English  ▼

X  

VN7140ASTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # VN7140ASTR
Description  High-side driver with MultiSense analog feedback for automotive applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7140ASTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VN7140ASTR Datasheet HTML 9Page - STMicroelectronics VN7140ASTR Datasheet HTML 10Page - STMicroelectronics VN7140ASTR Datasheet HTML 11Page - STMicroelectronics VN7140ASTR Datasheet HTML 12Page - STMicroelectronics VN7140ASTR Datasheet HTML 13Page - STMicroelectronics VN7140ASTR Datasheet HTML 14Page - STMicroelectronics VN7140ASTR Datasheet HTML 15Page - STMicroelectronics VN7140ASTR Datasheet HTML 16Page - STMicroelectronics VN7140ASTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
Figure 5. Current sense accuracy versus IOUT
GAPGCFT01218
0
5
10
15
20
25
30
35
40
45
50
55
60
65
0
1
2
3
%
IOUT[A]
Current sense uncalibrated precision
Current sense calibrated precision
Figure 6. Switching time and Pulse skew
VOUT
t
Vcc
twon
80% Vcc
20% Vcc
twoff
INPUT
td(on)
tpLH
tpHL
td(off)
t
dV
OUT
/dt
ON
OFF
dV
OUT
/dt
VN7140AJ, VN7140AS
Main electrical characteristics
DS10830 - Rev 4
page 13/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com