Electronic Components Datasheet Search
  English  ▼

X  

VN7140ASTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # VN7140ASTR
Description  High-side driver with MultiSense analog feedback for automotive applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7140ASTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VN7140ASTR Datasheet HTML 6Page - STMicroelectronics VN7140ASTR Datasheet HTML 7Page - STMicroelectronics VN7140ASTR Datasheet HTML 8Page - STMicroelectronics VN7140ASTR Datasheet HTML 9Page - STMicroelectronics VN7140ASTR Datasheet HTML 10Page - STMicroelectronics VN7140ASTR Datasheet HTML 11Page - STMicroelectronics VN7140ASTR Datasheet HTML 12Page - STMicroelectronics VN7140ASTR Datasheet HTML 13Page - STMicroelectronics VN7140ASTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
7 V < VCC < 18 V; -40°C < Tj < 150°C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
dK1/K1 (1) (2)
Current sense ratio drift
IOUT = 0.15 A; VSENSE = 4 V;
VSEn = 5 V
-15
15
%
K2
IOUT/ISENSE
IOUT = 0.7 A; VSENSE = 4 V;
VSEn = 5 V
380
475
570
dK2/K2 (1) (2)
Current sense ratio drift
IOUT = 0.7 A; VSENSE = 4 V;
VSEn = 5 V
-10
10
%
K3
IOUT/ISENSE
IOUT = 2 A; VSENSE = 4 V; VSEn = 5 V
430
470
520
dK3/K3 (1) (2)
Current sense ratio drift
IOUT = 2 A; VSENSE = 4 V; VSEn = 5 V
-5
5
%
ISENSE0
MultiSense leakage current
MultiSense disabled: VSEn = 0 V
0
0.5
µA
MultiSense disabled:
-1 V < VSENSE < 5 V(1)
-0.5
0.5
MultiSense enabled: VSEn = 5 V;
Channel ON; IOUT = 0 A; Diagnostic
selected; VIN = 5 V; VSEL0 = 0 V;
VSEL1 = 0 V; IOUT = 0 A
0
2
MultiSense enabled: VSEn = 5 V;
Channel OFF; Diagnostic selected:
VIN = 0 V; VSEL0 = 0 V; VSEL1 = 0 V
0
2
VOUT_MSD (1)
Output voltage for MultiSense
shutdown
VIN = 5 V; VSEn = 5 V; VSEL0 = 0 V;
VSEL1 = 0 V; RSENSE = 2.7 kΩ; IOUT =
1 A
5
V
VSENSE_SAT
Multisense saturation voltage
VCC = 7 V; RSENSE = 2.7 kΩ;
VSEn = 5 V; VIN = 5 V; VSEL0 = 0 V;
VSEL1 = 0 V; IOUT = 2 A; Tj = 150°C
5
V
ISENSE_SAT (1)
CS saturation current
VCC = 7 V; VSENSE = 4 V; VIN = 5 V;
VSEn = 5 V; VSEL0 = 0 V; VSEL1 = 0 V;
Tj = 150°C
4
mA
IOUT_SAT (1)
Output saturation current
VCC = 7 V; VSENSE = 4 V; VIN = 5 V;
VSEn = 5 V; VSEL0 = 0 V; VSEL1 = 0 V;
Tj = 150°C
2.2
A
OFF-state diagnostic
VOL
OFF-state open-load voltage
detection threshold
VIN = 0 V; VSEn = 5 V; VSEL0 = 0 V;
VSEL1 = 0 V
2
3
4
V
IL(off2)
OFF-state output sink current
VIN = 0 V; VOUT = VOL; Tj = -40 °C to
150°C
-100
-15
µA
tDSTKON
OFF-state diagnostic delay
time from falling edge of
INPUT
(see Figure 9. TDSTKON )
VIN = 5 V to 0 V; VSEn = 5 V;
VSEL0 = 0 V; VSEL1 = 0 V; IOUT = 0 A;
VOUT = 4 V
100
350
700
µs
tD_OL_V
Settling time for valid OFF-
state open load diagnostic
indication from rising edge of
SEn
VIN = 0 V; VFR = 0 V; VSEL0 = 0 V;
VSEL1 = 0 V; VOUT = 4 V;
VSEn = 0 V to 5 V
60
µs
tD_VOL
OFF-state diagnostic delay
time from rising edge of VOUT
VIN = 0 V; VSEn = 5 V; VSEL0 = 0 V;
VSEL1 = 0 V; VOUT = 0 V to 4 V
5
30
µs
Chip temperature analog feedback (VN7140AJ only)
VN7140AJ, VN7140AS
Main electrical characteristics
DS10830 - Rev 4
page 10/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com