Electronic Components Datasheet Search
  English  ▼

X  

VN7140ASTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN7140ASTR
Description  High-side driver with MultiSense analog feedback for automotive applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7140ASTR Datasheet(HTML) 4 Page - STMicroelectronics

  VN7140ASTR Datasheet HTML 1Page - STMicroelectronics VN7140ASTR Datasheet HTML 2Page - STMicroelectronics VN7140ASTR Datasheet HTML 3Page - STMicroelectronics VN7140ASTR Datasheet HTML 4Page - STMicroelectronics VN7140ASTR Datasheet HTML 5Page - STMicroelectronics VN7140ASTR Datasheet HTML 6Page - STMicroelectronics VN7140ASTR Datasheet HTML 7Page - STMicroelectronics VN7140ASTR Datasheet HTML 8Page - STMicroelectronics VN7140ASTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
Figure 2. Configuration diagram (top view)
1
2
3
4
5
6
MultiSense
FaultRST
OUTPUT
7
8
SEn
N.C.
16
15
14
13
12
11
N.C.
N.C.
OUTPUT
OUTPUT
10
9
OUTPUT
N.C.
N.C.
SEL1
GND
INPUT
TAB = VCC
PowerSSO-16
GAPG2601151129CFT
SEL0
1
2
3
4
5
6
MultiSense
OUTPUT
7
8
SEn
OUTPUT
VCC
VCC
GND
INPUT
SO-8
Table 2. Suggested connections for unused and not connected pins
Connection / pin
MultiSense
N.C.
Output
Input
SEn, SELx, FaultRST
Floating
Not allowed
X (1)
X
X
X
To ground
Through 1 kΩ resistor
X
Not allowed
Through 15 kΩ resistor
Through 15 kΩ resistor
1. X: do not care.
VN7140AJ, VN7140AS
Block diagram and pin description
DS10830 - Rev 4
page 4/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com