Electronic Components Datasheet Search
  English  ▼

X  

VN7140ASTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # VN7140ASTR
Description  High-side driver with MultiSense analog feedback for automotive applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7140ASTR Datasheet(HTML) 3 Page - STMicroelectronics

  VN7140ASTR Datasheet HTML 1Page - STMicroelectronics VN7140ASTR Datasheet HTML 2Page - STMicroelectronics VN7140ASTR Datasheet HTML 3Page - STMicroelectronics VN7140ASTR Datasheet HTML 4Page - STMicroelectronics VN7140ASTR Datasheet HTML 5Page - STMicroelectronics VN7140ASTR Datasheet HTML 6Page - STMicroelectronics VN7140ASTR Datasheet HTML 7Page - STMicroelectronics VN7140ASTR Datasheet HTML 8Page - STMicroelectronics VN7140ASTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
1
Block diagram and pin description
Figure 1. Block diagram
Control & Diagnostic
VCC
VON
Limitation
Current
Limitation
VCC – OUT
Clamp
Internal supply
OUTPUT
Current
Sense
GND
Undervoltage
shut-down
VCC – GND
Clamp
Fault
T
Short to VCC
Open-Load in OFF
Overtemperature
Power Limitation
T
VSENSEH
INPUT
SEL0
SEL1
SEn
MultiSense
FaultRST
VCC
Gate Driver
GAPGCFT00328
Table 1. Pin functions
Name
Function
VCC
Battery connection.
OUTPUT
Power outputs.
GND
Ground connection. Must be reverse battery protected by an external diode / resistor network.
INPUT
Voltage controlled input pin with hysteresis, compatible with 3 V and 5 V CMOS outputs. It controls output switch
state.
MultiSense
Multiplexed analog sense output pin; it delivers a current proportional to the selected diagnostic: load current,
supply voltage or chip temperature.
SEn
Active high compatible with 3 V and 5 V CMOS outputs pin; it enables the MultiSense diagnostic pin.
SEL0,1
Active high compatible with 3 V and 5 V CMOS outputs pin; they address the MultiSense multiplexer.
FaultRST
Active low compatible with 3 V and 5 V CMOS outputs pin; it unlatches the output in case of fault; If kept low, sets
the outputs in auto-restart mode.
VN7140AJ, VN7140AS
Block diagram and pin description
DS10830 - Rev 4
page 3/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com