Electronic Components Datasheet Search
  English  ▼

X  

DAC53701 Datasheet(PDF) 16 Page - Texas Instruments

Part # DAC53701
Description  DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus™ Compatible I2C Interface With GPI Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC53701 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC53701 Datasheet HTML 12Page - Texas Instruments DAC53701 Datasheet HTML 13Page - Texas Instruments DAC53701 Datasheet HTML 14Page - Texas Instruments DAC53701 Datasheet HTML 15Page - Texas Instruments DAC53701 Datasheet HTML 16Page - Texas Instruments DAC53701 Datasheet HTML 17Page - Texas Instruments DAC53701 Datasheet HTML 18Page - Texas Instruments DAC53701 Datasheet HTML 19Page - Texas Instruments DAC53701 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
7.13 Typical Characteristics (continued)
at TA = 25°C, 10-bit DAC, and DAC outputs unloaded (unless otherwise noted)
Time (ms)
0
5
10
15
20
25
30
35
40
45
50
VDD (1 V / div)
VOUT unloaded (500 mV / div)
VOUT 10K-GND (15 mV / div)
Reference = VDD = 5.5 V
Figure 7-40. Power-on Glitch
Time (ms)
0
5
10
15
20
25
30
35
40
45
50
VDD (1 V / div)
VOUT unloaded (500 mV / div)
VOUT 10K-GND (15 mV / div)
Reference = VDD = 5.5 V
Figure 7-41. Power-off Glitch
Reference = VDD = 5.5 V, Fast+ mode, DAC at midscale, DAC
load = 5kΩ || 200pF
Figure 7-42. Clock Feedthrough
Frequency (Hz)
10
20 30 50 70100
200
500 1000 2000
5000 10000
-100
-90
-80
-70
-60
-50
-40
Internal reference (gain = 4x), VDD = 5.25 V + 0.25 VPP, DAC at
midscale, DAC load = 5kΩ || 200pF
Figure 7-43. DAC Output AC PSRR vs Frequency
Reference = VDD = 5.5 V
Figure 7-44. DAC Output Noise Spectral Density
Internal reference (gain = 4x), VDD = 5.5 V
Figure 7-45. DAC Output Noise Spectral Density
DAC53701, DAC43701
SLASEY5 – DECEMBER 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DAC53701 DAC43701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com