Electronic Components Datasheet Search
  English  ▼

X  

DAC53701 Datasheet(PDF) 13 Page - Texas Instruments

Part # DAC53701
Description  DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus™ Compatible I2C Interface With GPI Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC53701 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC53701 Datasheet HTML 9Page - Texas Instruments DAC53701 Datasheet HTML 10Page - Texas Instruments DAC53701 Datasheet HTML 11Page - Texas Instruments DAC53701 Datasheet HTML 12Page - Texas Instruments DAC53701 Datasheet HTML 13Page - Texas Instruments DAC53701 Datasheet HTML 14Page - Texas Instruments DAC53701 Datasheet HTML 15Page - Texas Instruments DAC53701 Datasheet HTML 16Page - Texas Instruments DAC53701 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
7.13 Typical Characteristics
at TA = 25°C, 10-bit DAC, and DAC outputs unloaded (unless otherwise noted)
Supply Voltage, VDD (V)
1.8
2.725
3.65
4.575
5.5
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
INL min
INL max
Reference = VDD
Figure 7-22. Integral Linearity Error vs Supply Voltage
Supply Voltage, VDD (V)
1.8
2.725
3.65
4.575
5.5
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
DNL min
DNL max
Reference = VDD
Figure 7-23. Differential Linearity Error vs Supply Voltage
Supply Voltage, VDD (V)
1.8
2.725
3.65
4.575
5.5
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
TUE max
TUE min
Reference = VDD
Figure 7-24. Total Unadjusted Error vs Supply Voltage
Supply Voltage, VDD (V)
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
-1
0
1
2
3
4
5
6
7
8
9
10
11
12
Reference = VDD
Figure 7-25. Zero-Code Error vs Supply Voltage
Supply Voltage, VDD (V)
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
-0.5
-0.3
-0.1
0.1
0.3
0.5
Reference = VDD
Figure 7-26. Offset Error vs Supply Voltage
Supply Voltage, VDD (V)
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
-0.5
-0.3
-0.1
0.1
0.3
0.5
Reference = VDD
Figure 7-27. Gain Error vs Supply Voltage
www.ti.com
DAC53701, DAC43701
SLASEY5 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DAC53701 DAC43701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com