Electronic Components Datasheet Search
  English  ▼

X  

DAC53701 Datasheet(PDF) 36 Page - Texas Instruments

Part # DAC53701
Description  DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus™ Compatible I2C Interface With GPI Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC53701 Datasheet(HTML) 36 Page - Texas Instruments

Back Button DAC53701 Datasheet HTML 32Page - Texas Instruments DAC53701 Datasheet HTML 33Page - Texas Instruments DAC53701 Datasheet HTML 34Page - Texas Instruments DAC53701 Datasheet HTML 35Page - Texas Instruments DAC53701 Datasheet HTML 36Page - Texas Instruments DAC53701 Datasheet HTML 37Page - Texas Instruments DAC53701 Datasheet HTML 38Page - Texas Instruments DAC53701 Datasheet HTML 39Page - Texas Instruments DAC53701 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
8.6.1 STATUS Register (address = D0h) [reset = 000Ch or 0014h]
Figure 8-7. STATUS Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NVM_CRC_
ALARM_
USER
NVM_CRC_
ALARM_
INTERNAL
NVM_
BUSY
DAC_
UPDATE_
BUSY
X
DEVICE_ID
VERSION_ID
R-0h
R-0h
R-0h
R-0h
X-00h
10-bit: R-3h
8-bit: R-5h
R-0h
Table 8-19. STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
15
NVM_CRC_ALARM_USER
R
0
0 : No CRC error in user NVM bits
1: CRC error in user NVM bits
14
NVM_CRC_ALARM_INTERNAL
R
0
0 : No CRC error in internal NVM
1: CRC error in internal NVM bits
13
NVM_BUSY
R
0
0 : NVM write or load completed, Write to DAC registers
allowed
1 : NVM write or load in progress, Write to DAC register
map not allowed
12
DAC_UPDATE_BUSY
R
0
0 : DAC outputs updated, Write to DAC registers allowed
1 : DAC outputs update in progress, Write to DAC
register map not allowed
11 - 6
X
X
00h
Don't care
5 - 2
DEVICE_ID
R
DAC53701: 3h
DAC43701: 5h
Device identifier:
DAC53701: 3h
DAC43701: 5h
1 - 0
VERSION_ID
R
0h
Silicon version identifier. This field may have a different
value based on the silicon revision.
8.6.2 GENERAL_CONFIG Register (address = D1h) [reset = 01F0h]
Figure 8-8. GENERAL_CONFIG Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
FUNC_
CONFIG
DEVICE_
LOCK
EN_
PMBUS
CODE_STEP
SLEW_RATE
DAC_PDN
REF_EN
DAC_SPAN
R/ W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-Fh
R/W-2h
R/W-0h
R/W-0h
Table 8-20. GENERAL_CONFIG Register Field Descriptions
Bit
Field
Type
Reset
Description
15 - 14
FUNC_CONFIG
R/W
00
00: Generates a triangle wave between MARGIN_HIGH (address
25h) code to MARGIN_LOW (address 26h) code with slope
defined by SLEW_RATE and CODE_STEP bits.
01: Generates Saw-Tooth wave between MARGIN_HIGH
(address 25h) code to MARGIN_LOW (address 26h) code, with
rising slope defined by SLEW_RATE and CODE_STEP bits and
immediate falling edge.
10: Generates Saw-Tooth wave between MARGIN_HIGH
(address 25h) code to MARGIN_LOW (address 26h) code, with
falling slope defined by SLEW_RATE and CODE_STEP bits and
immediate rising edge.
11: Generates a square wave between MARGIN_HIGH (address
25h) code to MARGIN_LOW (address 26h) code with pulse high
and low period defined by SLEW_RATE bits.
13
DEVICE_LOCK
R/W
0
0: Device not locked
1: Device locked, the device locks all the registers. This bit can be
overwritten (unlock device) by writing 0101 to the
DEVICE_UNLOCK_CODE bits (address D3h)
DAC53701, DAC43701
SLASEY5 – DECEMBER 2020
www.ti.com
36
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DAC53701 DAC43701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com