Electronic Components Datasheet Search
  English  ▼

X  

DAC53701 Datasheet(PDF) 39 Page - Texas Instruments

Part # DAC53701
Description  DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus™ Compatible I2C Interface With GPI Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC53701 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC53701 Datasheet HTML 35Page - Texas Instruments DAC53701 Datasheet HTML 36Page - Texas Instruments DAC53701 Datasheet HTML 37Page - Texas Instruments DAC53701 Datasheet HTML 38Page - Texas Instruments DAC53701 Datasheet HTML 39Page - Texas Instruments DAC53701 Datasheet HTML 40Page - Texas Instruments DAC53701 Datasheet HTML 41Page - Texas Instruments DAC53701 Datasheet HTML 42Page - Texas Instruments DAC53701 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
8.6.4 TRIGGER Register (address = D3h) [reset = 0008h]
Figure 8-10. TRIGGER Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEVICE_UNLOCK_CODE
X
GPI_
EN
DEVICE_
CONFIG_
RESET
START_
FUNC_
GEN
PMBUS_
MARGIN_
HIGH
PMBUS_
MARGIN_
LOW
NVM_
RELOAD
NVM_
PROG
SW_RESET
W-0h
X-0h R/W-0h
W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
W-8h
Table 8-22. TRIGGER Register Field Descriptions
Bit
Field
Type
Reset
Description
15 - 12
DEVICE_UNLOCK_CODE
W
0000
Write 0101 to unlock the device to bypass DEVICE_LOCK bit.
11
X
X
0h
Don't care
10
GPI_EN
R/W
0
0: GPI disabled
1: GPI enabled
9
DEVICE_CONFIG_RESET
W
0
0: Device configuration reset not initiated
1: Device configuration reset initiated. All registers loaded with
factory reset values.
8
START_FUNC_GEN
R/W
0
0: Continuous waveform generation mode disabled
1: Continuous waveform generation mode enabled, device
generates continuous waveform based on FUNC_CONFIG
(address D1h), MARGIN_LOW (address 26h), MARGIN_HIGH
(address 25h), and SLEW_RATE and CODE_STEP (address
D1h) bits.
7
PMBUS_MARGIN_HIGH
R/W
0
0: PMBus margin high command not initiated
1: PMBus margin high command initiated, DAC output margins
high to MARGIN_HIGH code (address 25h). This bit automatically
resets to 0 after the DAC code reaches MARGIN_HIGH value.
6
PMBUS_MARGIN_LOW
R/W
0
0: PMBus margin low command not initiated
1: PMBus margin low command initiated, DAC output margins
low to MARGIN_LOW code (address 26h). This bit automatically
resets to 0 after the DAC code reaches MARGIN_LOW value.
5
NVM_RELOAD
R/W
0
0: NVM reload not initiated
1: NVM reload initiated, applicable DAC registers loaded with
corresponding NVM. NVM_BUSY bit set to 1 which this operation
is in progress.. This bit is self-resetting.
4
NVM_PROG
R/W
0
0: NVM write not initiated
1: NVM write initiated, NVM corresponding to applicable DAC
registers loaded with existing register settings. NVM_BUSY bit
set to 1 which this operation is in progress. This bit is self-
resetting.
3 - 0
SW_RESET
W
1000
1000: Software reset not initiated
1010: Software reset initiated, DAC registers loaded with
corresponding NVMs, all other registers loaded with default
settings.
www.ti.com
DAC53701, DAC43701
SLASEY5 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: DAC53701 DAC43701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com