Electronic Components Datasheet Search
  English  ▼

X  

DAC53701 Datasheet(PDF) 21 Page - Texas Instruments

Part # DAC53701
Description  DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus™ Compatible I2C Interface With GPI Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC53701 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC53701 Datasheet HTML 17Page - Texas Instruments DAC53701 Datasheet HTML 18Page - Texas Instruments DAC53701 Datasheet HTML 19Page - Texas Instruments DAC53701 Datasheet HTML 20Page - Texas Instruments DAC53701 Datasheet HTML 21Page - Texas Instruments DAC53701 Datasheet HTML 22Page - Texas Instruments DAC53701 Datasheet HTML 23Page - Texas Instruments DAC53701 Datasheet HTML 24Page - Texas Instruments DAC53701 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
8.3.3 DAC Update
The DAC output pin (OUT) is updated at the end of I2C DAC write frame.
8.3.3.1 DAC Update Busy
The DAC_UPDATE_BUSY bit (address D0h) is set to 1 by the device when certain DAC update operations,
such as function generation, transition to margin high or low, or any of the medical alarms are in progress. When
the DAC_UPDATE_BUSY bit is set to 1, do not write to any of the DAC registers. After the DAC update
operation is completed (DAC_UPDATE_BUSY = 0), any of the DAC registers can be written.
8.3.4 Nonvolatile Memory (EEPROM or NVM)
The DACx3701 contain nonvolatile memory (NVM) bits. These memory bits are user programmable and
erasable, and retain the set values in the absence of a power supply. All the register bits, as shown in Table 8-2,
can be stored in the device NVM by setting NVM_PROG = 1 (address D3h). The NVM_BUSY bit (address D0h)
is set to 1 by device when a NVM write or reload operation is ongoing. During this time, the device blocks all
write operations to the device. The NVM_BUSY bit is set to 0 after the write or reload operation is complete; at
this point, all write operations to the device are allowed. The default value for all the registers in the DACx3701 is
loaded from NVM as soon as a POR event is issued. Do not perform a read operation from the DAC register
while NVM_BUSY = 1.
The DACx3701 also implement NVM_RELOAD bit (address D3h). Set this bit to 1 for the device to start an NVM
reload operation. After the operation is complete, the device autoresets this bit to 0. During the NVM_RELOAD
operation, the NVM_BUSY bit is set to 1.
Table 8-2. NVM Programmable Registers
REGISTER ADDRESS
REGISTER NAME
BIT ADDRESS
BIT NAME
D1h
GENERAL_CONFIG
13
DEVICE_LOCK
11:9
CODE_STEP
8:5
SLEW_RATE
4:3
DAC_PDN
2
REF_EN
1:0
DAC_SPAN
D2h
CONFIG2
15:14
SLAVE_ADDRESS
13:11
GPI_CONFIG
5:4
INTERBURST_TIME
3:2
PULSE_OFF_TIME
1:0
PULSE_ON_TIME
D3h
TRIGGER
10
GPI_EN
21h
DAC_DATA
11:2
DAC_DATA
25h
DAC_MARGIN_HIGH
11:4
MARGIN_HIGH (8 most significant bits)
26h
DAC_MARGIN_LOW
11:4
MARGIN_LOW (8 most significant bits)
www.ti.com
DAC53701, DAC43701
SLASEY5 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DAC53701 DAC43701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com