Electronic Components Datasheet Search
  English  ▼

X  

DAC53701 Datasheet(PDF) 43 Page - Texas Instruments

Part # DAC53701
Description  DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus™ Compatible I2C Interface With GPI Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC53701 Datasheet(HTML) 43 Page - Texas Instruments

Back Button DAC53701 Datasheet HTML 39Page - Texas Instruments DAC53701 Datasheet HTML 40Page - Texas Instruments DAC53701 Datasheet HTML 41Page - Texas Instruments DAC53701 Datasheet HTML 42Page - Texas Instruments DAC53701 Datasheet HTML 43Page - Texas Instruments DAC53701 Datasheet HTML 44Page - Texas Instruments DAC53701 Datasheet HTML 45Page - Texas Instruments DAC53701 Datasheet HTML 46Page - Texas Instruments DAC53701 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
+
DAC53701
LEDs
ICTRL
GPI
ON
OFF
OFF
VDD
LADDER
FB
OUT
VDD
Mechanical Switch
Coupled to
Appliance Door
Dim
Dim
Bright
RP
LED
Driver
VCC
OUT
±
Figure 9-2. Fade-In Fade-Out with Switching LED Driver
9.2.1.1 Design Requirements
• Slew time: approximately, 1.5 s
• Bright LED current: 20 mA
• Dim LED current: 10 mA
9.2.1.2 Detailed Design Procedure
Choose a small VSET so that the power dissipation across RSET is minimum. Choose 1 V for the bright condition,
which results in an RSET of (1 V / 20 mA) = 50 Ω. Set the DACx3701 output span to 1.8 V. The output buffer of
the DAC is connected in a force-sense configuration to the MOSFET, as shown in Figure 9-1. This configuration
compensates the gate-source voltage drop caused by temperature, drain current, and ageing of the MOSFET.
Considering a typical gate-source voltage of 1.2 V and a power supply headroom of 200 mV, the VDD for the
DAC must be a minimum of (1 V + 1.2 V + 200 mV) = 2.4 V. Use a standard 3.3-V or 5-V power supply for the
DAC. A bipolar junction transistor (BJT) provides a much smaller base-emitter voltage drop, but a MOSFET has
better matching between the drain and source currents. Choose a BJT over the MOSFET in case there is a less
than 2.4-V supply voltage available for the DAC. Configure the MARGIN HIGH value to the code equivalent of 1
V; that is (1 V / 1.8 V) × 1024 = 569d or 0x239. The MARGIN LOW value should be the equivalent of the dim
LED current that is 10 mA, which corresponds to a DAC voltage of (10 mA × 50 Ω) = 500 mV. The code for
MARGN LOW is (500 mV / 1.8 V) × 1024 = 284d or 0x11C.
For control without the use of software, map the GPI to margin high-low operation as listed in Table 8-1. The
rising edge of the GPI maps to the MARGIN HIGH value of the 20-mA LED current, and the falling edge maps to
the MARGIN LOW value of the 10-mA LED current. When the DAC output is in the slewing condition, any
change in the GPI state changes the direction of the slew after the ongoing SLEW_RATE time, as shown in the
Application Curves section.
The slew time is given by (MARGIN_HIGH – MARGIN_LOW) × CODE_STEP × SLEW_RATE. For a 1.5-s slew
time, CODE_STEP × SLEW_RATE = 1.5 / (569 – 284) = ~ 5 ms. Choose the CODE_STEP as 1 LSB and
SLEW_RATE of 4.9152 ms. This configuration provides a slew time of 1.4 s. Adjust the MARGIN HIGH and
MARGIN LOW values for more granular control.
www.ti.com
DAC53701, DAC43701
SLASEY5 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: DAC53701 DAC43701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com