Electronic Components Datasheet Search
  English  ▼

X  

DAC53701 Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC53701
Description  DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus™ Compatible I2C Interface With GPI Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC53701 Datasheet(HTML) 1 Page - Texas Instruments

  DAC53701 Datasheet HTML 1Page - Texas Instruments DAC53701 Datasheet HTML 2Page - Texas Instruments DAC53701 Datasheet HTML 3Page - Texas Instruments DAC53701 Datasheet HTML 4Page - Texas Instruments DAC53701 Datasheet HTML 5Page - Texas Instruments DAC53701 Datasheet HTML 6Page - Texas Instruments DAC53701 Datasheet HTML 7Page - Texas Instruments DAC53701 Datasheet HTML 8Page - Texas Instruments DAC53701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and
PMBus™ Compatible I2C Interface With GPI Control
1 Features
• 1 LSB INL and DNL (10-bit and 8-bit)
• Wide operating range
– Power supply: 1.8 V to 5.5 V
– Temperature range: –40°C to +125°C
• General-purpose input (GPI) based function trigger
• PMBus™ compatible I2C interface
– Standard, fast, and fast mode plus
– Four device address options configured using
the broadcast address
– 1.62-V VIH with VDD = 5.5 V
• User-programmable nonvolatile memory (NVM/
EEPROM)
– Save and recall all register settings
• Programmable waveform generation: Square,
triangular, and sawtooth
• Pulse-width modulation (PWM) output using
triangular waveform and FB pin
• Preprogrammed medical-alarm tone-generation
mode: low-, medium-, and high-priority alarms
• Digital slew rate control
• Internal reference
• Very low power: 0.2 mA at 1.8 V
• Flexible start-up: High impedance or 10K-GND
• Tiny package: 8-pin WSON (2 mm × 2 mm)
2 Applications
• Oven
• Ventilators
• Infusion pump
• Anesthesia delivery systems
• Surgical equipment
• Rack server
• Exit and emergency lighting
3 Description
The
10-bit
DAC53701
and
8-bit
DAC43701
(DACx3701) are a pin-compatible family of buffered
voltage-output
smart
digital-to-analog
converters
(DACs). These devices consume very low power, and
are available in a tiny 8-pin WSON package. The
feature set combined with the tiny package and low
power make the DACx3701 an excellent choice for
applications such as appliance door fade-in fade-out,
processorless LED dimming with PWM input, general-
purpose bias point generation, voltage margining and
scaling, PWM signal generation, and medical alarm
tone generation.
These devices have nonvolatile memory (NVM), an
internal reference, a PMBus-compatible I2C interface,
and a general-purpose input. The DACx3701
operates with either an internal reference or with the
power supply as a reference, and provides a full-scale
output of 1.8 V to 5.5 V.
The DACx3701 are smart DAC devices because of
their advanced integrated features. With force-sense
output, GPI based function trigger, medical alarm,
PWM output, and NVM capabilities, smart DACs
enable system performance and control without the
use of software.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
DAC53701
WSON (8)
2.00 mm × 2.00 mm
DAC43701
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
DAC
Register
BUF
Power Down Logic
Power On Reset
AGND
VDD
DAC
Internal
Reference
Non Volatile
Memory
CAP
LDO
+
±
R1
FB
OUT
GPI
SDA
SCL
Function
Generation
DAC
Buffer
Functional Block Diagram
+
DAC53701
LEDs
ICTRL
GPI
ON
OFF
OFF
VDD
LADDER
FB
OUT
VDD
Mechanical Switch
Coupled to
Appliance Door
Dim
Dim
Bright
RP
LED
Driver
VCC
OUT
±
Appliance Light Fade-in Fade-out
www.ti.com
DAC53701, DAC43701
SLASEY5 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: DAC53701 DAC43701
DAC53701, DAC43701
SLASEY5 – DECEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DAC53701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC53701 TI-DAC53701 Datasheet
3Mb / 59P
DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
DAC53701 TI-DAC53701 Datasheet
2Mb / 56P
DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus™ Compatible I2C Interface With GPI Control
REVISED SEPTEMBER 2023
DAC53701-Q1 TI-DAC53701-Q1 Datasheet
2Mb / 42P
DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
DAC53701-Q1 TI-DAC53701-Q1 Datasheet
3Mb / 59P
DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
DAC53701-Q1 TI-DAC53701-Q1 Datasheet
2Mb / 56P
DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus™ Compatible I2C Interface With GPI Control
REVISED SEPTEMBER 2023
More results

Similar Description - DAC53701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC53401 TI1-DAC53401_V01 Datasheet
1Mb / 43P
DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1 Datasheet
3Mb / 53P
DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53701-Q1 TI-DAC53701-Q1 Datasheet
2Mb / 42P
DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
DAC53701 TI-DAC53701 Datasheet
3Mb / 59P
DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
DAC63204 TI-DAC63204 Datasheet
2Mb / 63P
DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DAC53401-Q1 TI-DAC53401-Q1_V01 Datasheet
3Mb / 53P
DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC63204 TI-DAC63204_V01 Datasheet
2Mb / 63P
DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
SLASEX3 ??MARCH 2021
DAC63204 TI-DAC63204_V02 Datasheet
3Mb / 82P
DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DECEMBER 2021
DAC53202 TI-DAC53202 Datasheet
3Mb / 83P
DACx3202 12-Bit and 10-Bit, Dual, Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus™, or SPI Interface
MAY 2022
DAC53701-Q1 TI-DAC53701-Q1_V01 Datasheet
2Mb / 56P
DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus™ Compatible I2C Interface With GPI Control
REVISED SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com