Electronic Components Datasheet Search
  English  ▼

X  

DAC53701 Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC53701
Description  DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus™ Compatible I2C Interface With GPI Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC53701 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC53701 Datasheet HTML 2Page - Texas Instruments DAC53701 Datasheet HTML 3Page - Texas Instruments DAC53701 Datasheet HTML 4Page - Texas Instruments DAC53701 Datasheet HTML 5Page - Texas Instruments DAC53701 Datasheet HTML 6Page - Texas Instruments DAC53701 Datasheet HTML 7Page - Texas Instruments DAC53701 Datasheet HTML 8Page - Texas Instruments DAC53701 Datasheet HTML 9Page - Texas Instruments DAC53701 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
7.5 Electrical Characteristics (continued)
all minimum/maximum specifications at TA = –40°C to +125°C and typical specifications at TA = 25°C, 1.8 V ≤ VDD ≤ 5.5 V,
DAC reference tied to VDD, gain = 1x, DAC output pin (OUT) loaded with resistive load (RL = 5 kΩ to AGND) and capacitive
load (CL = 200 pF to AGND), and digital inputs at VDD or AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ZO
VFB dc output impedance(3)
DAC output enabled, DAC reference tied to VDD (gain
= 1x) or internal reference (gain = 1.5x or 2x)
160
200
240
kΩ
DAC output enabled, internal VREF, gain = 3x or 4x
192
240
288
VOUT + VFB dc output
leakage(2)
At start up, measured when DAC output is disabled
and held at VDD / 2 for VDD = 5.5 V
7
nA
Power supply rejection ratio
(dc)
Internal VREF, gain = 2x, DAC at midscale;
VDD = 5 V ±10%
0.25
mV/V
DYNAMIC PERFORMANCE
tsett
Output voltage settling time
1/4 to 3/4 scale and 3/4 to 1/4 scale settling to
10%FSR, VDD = 5.5 V
8
µs
1/4 to 3/4 scale and 3/4 to 1/4 scale settling to
10%FSR, VDD = 5.5 V, internal VREF, gain = 4x
12
Slew rate
VDD = 5.5 V
1
V/µs
Power-on glitch magnitude
At startup (DAC output disabled), RL = 5 kΩ,
CL = 200 pF
75
mV
At startup (DAC output disabled), RL = 100 kΩ
200
Output enable glitch
magnitude
DAC output disabled to enabled (DAC registers at zero
scale, RL = 100 kΩ
250
mV
Vn
Output noise voltage (peak to
peak)
0.1 Hz to 10 Hz, DAC at midscale, VDD = 5.5 V
34
µVPP
Internal VREF, gain = 4x, 0.1 Hz to 10 Hz, DAC at
midscale, VDD = 5.5 V
70
Output noise density
Measured at 1 kHz, DAC at midscale, VDD = 5.5 V
0.2
µV/√Hz
Internal VREF, gain = 4x, measured at 1 kHz, DAC at
midscale, VDD = 5.5 V
0.7
Power supply rejection ratio
(ac)(3)
Internal VREF, gain = 4x, 200-mV 50-Hz or 60-Hz sine
wave superimposed on power supply voltage, DAC at
midscale
–71
dB
Code change glitch impulse
±1 LSB change around mid code (including
feedthrough)
10
nV-s
Code change glitch impulse
magnitude
±1 LSB change around mid code (including
feedthrough)
15
mV
VOLTAGE REFERENCE
Initial accuracy
TA = 25°C
1.212
V
Reference output temperature
coefficient(2)
65
ppm/°C
EEPROM
Endurance(2)
–40°C ≤ TA ≤ +85°C
20000
Cycles
TA > 85°C
1000
Data retention(2)
TA = 25°C
50
Years
TA = 125°C
20
EEPROM programming write
cycle time(2)
10
20
ms
DIGITAL INPUTS
Digital feedthrough
DAC output static at midscale, fast mode plus, SCL
toggling
20
nV-s
Pin capacitance
Per pin
10
pF
DAC53701, DAC43701
SLASEY5 – DECEMBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DAC53701 DAC43701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com