Electronic Components Datasheet Search
  English  ▼

X  

DAC53701 Datasheet(PDF) 26 Page - Texas Instruments

Part # DAC53701
Description  DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus™ Compatible I2C Interface With GPI Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC53701 Datasheet(HTML) 26 Page - Texas Instruments

Back Button DAC53701 Datasheet HTML 22Page - Texas Instruments DAC53701 Datasheet HTML 23Page - Texas Instruments DAC53701 Datasheet HTML 24Page - Texas Instruments DAC53701 Datasheet HTML 25Page - Texas Instruments DAC53701 Datasheet HTML 26Page - Texas Instruments DAC53701 Datasheet HTML 27Page - Texas Instruments DAC53701 Datasheet HTML 28Page - Texas Instruments DAC53701 Datasheet HTML 29Page - Texas Instruments DAC53701 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
8.4 Device Functional Modes
8.4.1 Power Down Mode
The DACx3701 output amplifier and internal reference can be independently powered down through the
DAC_PDN bits (address D1h). At power up, the DAC output and the internal reference are disabled by default.
In power-down mode, the DAC output (OUT pin) is in a high-impedance state. To change this state to 10kΩ-
AGND (at power up), use the DAC_PDN bits (address D1h).
The DAC power-up state can be programmed to any state (power-down or normal mode) using the NVM. Table
8-5 shows the DAC power-down bits.
Table 8-5. DAC Power-Down Bits
REGISTER ADDRESS AND NAME
DAC_PDN[1]
DAC_PDN[0]
DESCRIPTION
D1h, GENERAL_CONFIG
0
0
Power up
0
1
Power down to 10 kΩ
1
0
Power down to high impedance (HiZ)
(default)
1
1
Power down to 10 kΩ
8.4.2 Continuous Waveform Generation (CWG) Mode
The DACx3701 implement a continuous waveform generation feature. To set the device to this mode, set the
START_FUNC_GEN (address D3h) to 1. In this mode, the DAC output pin (OUT) generates a continuous
waveform based on the FUNC_CONFIG bits (address D1h). Table 8-6 shows the continuous waveforms that can
be generated in this mode. The frequency of the waveform depends on the resistive and capacitive load on the
OUT pin, high and low codes, and slew rate settings as shown in the following equations.
SQUARE WAVE
1
f
2 SLEW _ RATE
u
(3)
TRIANGLE WAVE
1
f
MARGIN _ HIGH MARGIN _ LOW
1
2 SLEW _ RATE
CODE _ STEP
§
·
u
u ¨
¸
©
¹
(4)
SAWTOOTH WAVE
1
f
MARGIN _ HIGH MARGIN _ LOW
1
SLEW _ RATE
CODE _ STEP
§
·
u ¨
¸
©
¹
(5)
where:
• SLEW_RATE is the programmable DAC slew rate specified in Table 8-4.
• MARGIN_HIGH and MARGIN_LOW are the programmable DAC codes.
• CODE_STEP is the programmable DAC step code in Table 8-3.
DAC53701, DAC43701
SLASEY5 – DECEMBER 2020
www.ti.com
26
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DAC53701 DAC43701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com