Electronic Components Datasheet Search
  English  ▼

X  

STA380WS Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA380WS
Description  Sound Terminal 2-channel high-efficiency digital audio system
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA380WS Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA380WS Datasheet HTML 5Page - STMicroelectronics STA380WS Datasheet HTML 6Page - STMicroelectronics STA380WS Datasheet HTML 7Page - STMicroelectronics STA380WS Datasheet HTML 8Page - STMicroelectronics STA380WS Datasheet HTML 9Page - STMicroelectronics STA380WS Datasheet HTML 10Page - STMicroelectronics STA380WS Datasheet HTML 11Page - STMicroelectronics STA380WS Datasheet HTML 12Page - STMicroelectronics STA380WS Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
DocID024426 Rev 1
9/48
STA380WS
Pin description
2.2
Pin list
Table 2. Pin description
Number
Type
Name
Description
1
I/O
VSS
Internal reference at VCC - 3.3 V
2
I/O
VCC_REG
Internal VCC reference
3
O
OUT2B
Output half-bridge 2B
4
PWR
GND2
Power negative supply
5
PWR
VCC2
Power positive supply
6
O
OUT2A
Output half-bridge 2A
7
O
OUT1B
Output half-bridge 1B
8
PWR
VCC1
Power positive supply
9
PWR
GND1
Power negative supply
10
O
OUT1A
Output half-bridge 1A
11
PWR
GND_REG
Internal ground reference
12
PWR
VDD_REG
Internal 3.3-V reference voltage
13
-
N.C.
No internal connection
14
-
N.C.
No internal connection
15
-
N.C.
No internal connection
16
-
N.C.
No internal connection
17
-
N.C.
No internal connection
18
PWR
GND_DIG
Digital ground
19
-
N.C.
No internal connection
20
-
N.C.
No internal connection
21
-
N.C.
No internal connection
22
-
N.C.
No internal connection
23
PWR
VDD_DIG
Positive supply digital
24
PWR
GND_DIG
Digital ground
25
I
PWRDN
Power down:
0: power stage is switched off then the PLL is also
switched off (this operation takes 13 million clock cycles)
1: normal operation
26
PWR
VDD_PLL
Positive supply for PLL
27
I
FILTER_PLL
Connection to PLL filter
28
PWR
GND_PLL
Negative supply for PLL
29
I
XTI
PLL input clock, 256 * fS, or 384 * fS
30
I
BICKI
I2S serial clock
31
I
LRCKI
I2S left/right clock
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com