Electronic Components Datasheet Search
  English  ▼

X  

STA380WS Datasheet(PDF) 33 Page - STMicroelectronics

Part # STA380WS
Description  Sound Terminal 2-channel high-efficiency digital audio system
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA380WS Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STA380WS Datasheet HTML 29Page - STMicroelectronics STA380WS Datasheet HTML 30Page - STMicroelectronics STA380WS Datasheet HTML 31Page - STMicroelectronics STA380WS Datasheet HTML 32Page - STMicroelectronics STA380WS Datasheet HTML 33Page - STMicroelectronics STA380WS Datasheet HTML 34Page - STMicroelectronics STA380WS Datasheet HTML 35Page - STMicroelectronics STA380WS Datasheet HTML 36Page - STMicroelectronics STA380WS Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
DocID024426 Rev 1
33/48
STA380WS
Register description
6.2
Volume control registers (addr 0x06 to 0x09)
6.2.1
Mute/line output configuration register (addr 0x06)
Master mute
Channel mute
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
C2M
C1M
MMUTE
00000000
Table 39. Master mute
Bit
R/W
RST
Name
Description
0
R/W
0
MMUTE
0: normal operation
1: all channels are in mute condition
Table 40. Channel mute
Bit
R/W
RST
Name
Description
1
R/W
0
C1M
Channel 1 mute:
0: not muted, it is possible to set the channel volume
1: hardware muted
2
R/W
0
C2M
Channel 2 mute:
0: not muted, it is possible to set the channel volume
1: hardware muted
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com