Electronic Components Datasheet Search
  English  ▼

X  

STA380WS Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA380WS
Description  Sound Terminal 2-channel high-efficiency digital audio system
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA380WS Datasheet(HTML) 1 Page - STMicroelectronics

  STA380WS Datasheet HTML 1Page - STMicroelectronics STA380WS Datasheet HTML 2Page - STMicroelectronics STA380WS Datasheet HTML 3Page - STMicroelectronics STA380WS Datasheet HTML 4Page - STMicroelectronics STA380WS Datasheet HTML 5Page - STMicroelectronics STA380WS Datasheet HTML 6Page - STMicroelectronics STA380WS Datasheet HTML 7Page - STMicroelectronics STA380WS Datasheet HTML 8Page - STMicroelectronics STA380WS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
This is information on a product in full production.
April 2013
DocID024426 Rev 1
1/48
48
STA380WS
Sound Terminal®
2-channel high-efficiency digital audio system
Datasheet
- production data
Features
 Wide-range supply voltage (4.5 V - 20 V)
 2 channels of ternary PWM (stereo mode)
 2 channels of 24-bit FFX
 100-dB SNR and dynamic range
 Selectable 32- to 192-kHz input sample rates
 I2C control with selectable device address
 Digital gain -80 dB to +48 dB in 0.5-dB steps
 Software volume update
 Individual channel and master gain/attenuation
 Individual channel and master software and
hardware mute
 Independent channel volume bypass
 Automatic zero-detect mute
 Automatic invalid input detect mute
 2-channel I2S input data Interface
 Selectable clock input ratio
 Input channel mapping
 Automatic volume control for limiting maximum
power
 96-kHz internal processing sample rate, 24-bit
precision
 Advanced AM interference frequency
switching and noise suppression modes
 Thermal-overload and short-circuit protection
embedded
 Video application: 576 * fS input mode support
Applications
 LCDs
 DVDs
 Cradles
 Digital speakers
 Wireless-speaker cradles
Description
The STA380WS is an integrated circuit
comprising digital audio processing, digital
amplifier control and FFX power output stage to
create a high-power, single-chip FFX solution for
all-digital amplification with high quality and high
efficiency.
The STA380WS power section can provide up to
20 W + 20 W BTL output power.
Also provided in the STA380WS are new
advanced AM radio interference reduction
modes. The serial audio data input interface
accepts all possible formats, including the popular
I2S format.
The STA380WS is part of the 2-channel high-
efficiency digital audio system family that provides
full digital audio streaming to the speaker offering
cost effectiveness, low power dissipation and
sound enrichment.
VQFN48 package
with exposed
pad down (EPD)
Table 1. Device summary
Order code
Package
Packaging
STA380WS
VQFN48 EPD
Tray
STA380WS13TR
VQFN48 EPD
Tape and reel
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STA380WS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA380BW STMICROELECTRONICS-STA380BW Datasheet
5Mb / 162P
Sound Terminal® 2.1-channel high-efficiency digital audio system
15-Apr-2013
STA380BWTR STMICROELECTRONICS-STA380BWTR Datasheet
5Mb / 162P
Sound Terminal® 2.1-channel high-efficiency digital audio system
15-Apr-2013
More results

Similar Description - STA380WS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA333ML STMICROELECTRONICS-STA333ML Datasheet
205Kb / 15P
Sound Terminal TM 2 channel microless high efficiency digital audio system
01-Feb-2007
STA333ML STMICROELECTRONICS-STA333ML_08 Datasheet
181Kb / 14P
Sound TerminaTM 2-channel microless high-efficiency digital audio system
02-May-2008
STA370BWS STMICROELECTRONICS-STA370BWS Datasheet
109Kb / 5P
2.1-channel 40-W high-efficiency digital audio system Sound Terminal?
10-Dec-2009
STA333W STMICROELECTRONICS-STA333W_10 Datasheet
1Mb / 49P
2-channel high-efficiency digital audio system Sound Terminal?
21-Jan-2010
STA335ML STMICROELECTRONICS-STA335ML Datasheet
1Mb / 20P
2-channel microless high-efficiency digital audio system Sound Terminal®
18-Jul-2011
STA369BW STMICROELECTRONICS-STA369BW Datasheet
2Mb / 88P
Sound Terminal® 2.1-channel high-efficiency digital audio system
21-Jul-2011
STA369BWS STMICROELECTRONICS-STA369BWS Datasheet
2Mb / 89P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
04-Nov-2010
STA381BW STMICROELECTRONICS-STA381BW Datasheet
3Mb / 171P
Sound Terminal® 2.1-channel high-efficiency digital audio system
03-Aug-2012
STEVAL-CCA030V1 STMICROELECTRONICS-STEVAL-CCA030V1 Datasheet
274Kb / 4P
STA350BW Sound Terminal??2.1-channel high-efficiency digital audio system board
28-May-2012
STA380BW STMICROELECTRONICS-STA380BW Datasheet
5Mb / 162P
Sound Terminal® 2.1-channel high-efficiency digital audio system
15-Apr-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com