Electronic Components Datasheet Search
  English  ▼

X  

STA380WS Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA380WS
Description  Sound Terminal 2-channel high-efficiency digital audio system
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA380WS Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA380WS Datasheet HTML 13Page - STMicroelectronics STA380WS Datasheet HTML 14Page - STMicroelectronics STA380WS Datasheet HTML 15Page - STMicroelectronics STA380WS Datasheet HTML 16Page - STMicroelectronics STA380WS Datasheet HTML 17Page - STMicroelectronics STA380WS Datasheet HTML 18Page - STMicroelectronics STA380WS Datasheet HTML 19Page - STMicroelectronics STA380WS Datasheet HTML 20Page - STMicroelectronics STA380WS Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
DocID024426 Rev 1
17/48
STA380WS
Functional description
4
Functional description
4.1
Functional pins
4.1.1
Power-down function
Pin PWRDN (23) is used to power down the STA380WS.
PWRDN = 0 (0 V): power-down state
PWRND = 1 (VDD): normal operation
During the power-down sequence the output begins to mute. After the mute condition is
reached, the power stage is switched off and the output becomes high impedance. Then the
master clock to all internal hardware blocks is gated off. The PLL is also switched off. The
complete power-down sequence takes 13 million cycles.
4.1.2
Reset function
Pin RESET (31) is used to reset the STA380WS.
RESET = 0 (0 V): reset state
RESET = 1 (VDD): normal operation
When pin RESET is forced to 0, the power stage is switched off (with high-impedance
output) and the master clock to all internal hardware blocks is gated off.
Note:
Reset has a higher priority than power-down.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com