Electronic Components Datasheet Search
  English  ▼

X  

STA380WS Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA380WS
Description  Sound Terminal 2-channel high-efficiency digital audio system
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA380WS Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA380WS Datasheet HTML 15Page - STMicroelectronics STA380WS Datasheet HTML 16Page - STMicroelectronics STA380WS Datasheet HTML 17Page - STMicroelectronics STA380WS Datasheet HTML 18Page - STMicroelectronics STA380WS Datasheet HTML 19Page - STMicroelectronics STA380WS Datasheet HTML 20Page - STMicroelectronics STA380WS Datasheet HTML 21Page - STMicroelectronics STA380WS Datasheet HTML 22Page - STMicroelectronics STA380WS Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
DocID024426 Rev 1
19/48
STA380WS
I2C bus specification
5
I2C bus specification
The STA380WS supports the I2C protocol via the input ports SCL and SDA. This protocol
defines any device that sends data to the bus as a transmitter and any device that reads the
data as a receiver. The device that controls the data transfer is known as the master and the
other as the slave. The master always starts the transfer and provides the serial clock for
synchronization. The STA380WS is always a slave device in all of its communications. It
supports up to 400 kb/s (fast-mode bit rate).
5.1
Communication protocol
5.1.1
Data transition or change
Data changes on the SDA line must only occur when the SCL clock is low. An SDA
transition while the clock is high is used to identify a START or STOP condition.
5.1.2
Start condition
START is identified by a high to low transition of the data bus SDA signal while the clock
signal SCL is stable in the high state. A START condition must precede any command for
data transfer.
5.1.3
Stop condition
STOP is identified by low to high transition of the data bus SDA signal while the clock signal
SCL is stable in the high state. A STOP condition terminates communication between the
STA380WS and the bus master.
5.1.4
Data input
During the data input the STA380WS samples the SDA signal on the rising edge of clock
SCL. For correct device operation the SDA signal must be stable during the rising edge of
the clock and the data can change only when the SCL line is low.
5.2
Device addressing
To start communication between the master and the STA380WS, the master must initiate a
start condition. Following this, the master sends to the SDA line 8 bits (MSB first)
corresponding to the device-select address and read or write mode.
The 7 most significant bits are the device address identifiers, corresponding to the I2C bus
definition. In the STA380WS the I2C interface has two device addresses depending on the
SA port configuration, 0x38 when SA = 0, and 0x3A when SA = 1.
The 8th bit (LSB) identifies read or write operation RW, this bit is set to 1 for read mode and
0 for write mode. After a START condition the STA380WS identifies the device address on
the SDA bus and if a match is found, acknowledges the identification during the 9th bit time.
The byte following the device identification byte is the internal space address.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com