Electronic Components Datasheet Search
  English  ▼

X  

STA380WS Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA380WS
Description  Sound Terminal 2-channel high-efficiency digital audio system
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA380WS Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA380WS Datasheet HTML 10Page - STMicroelectronics STA380WS Datasheet HTML 11Page - STMicroelectronics STA380WS Datasheet HTML 12Page - STMicroelectronics STA380WS Datasheet HTML 13Page - STMicroelectronics STA380WS Datasheet HTML 14Page - STMicroelectronics STA380WS Datasheet HTML 15Page - STMicroelectronics STA380WS Datasheet HTML 16Page - STMicroelectronics STA380WS Datasheet HTML 17Page - STMicroelectronics STA380WS Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Electrical specifications
STA380WS
14/48
DocID024426 Rev 1
XTALK
Crosstalk
X stereo mode, < 5 kHz,
One channel driven at 1 W
the other channel measured
-80
-
dB
Peak efficiency
in
X mode
Po = 2 x 20 W into 8
-90
-
%
1. The ILIM data is for 1 channel of BTL configuration, thus, 2 * ILIM drives the 2-channel BTL configuration.
The current limit is active when OCRB = 0 (see Table 23: Overcurrent warning detect adjustment bypass
on page 29. When OCRB = 1 then ISC applies.
2. The ISCP current limit data is for 1 channel of BTL configuration, thus, 2 * ISCP drives the 2-channel BTL
configuration. The short-circuit current is applicable when OCRB = 1 (see Table 23: Overcurrent warning
detect adjustment bypass on page 29.
Table 7. Electrical specifications for power section (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com