Electronic Components Datasheet Search
  English  ▼

X  

STA380WS Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA380WS
Description  Sound Terminal 2-channel high-efficiency digital audio system
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA380WS Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA380WS Datasheet HTML 8Page - STMicroelectronics STA380WS Datasheet HTML 9Page - STMicroelectronics STA380WS Datasheet HTML 10Page - STMicroelectronics STA380WS Datasheet HTML 11Page - STMicroelectronics STA380WS Datasheet HTML 12Page - STMicroelectronics STA380WS Datasheet HTML 13Page - STMicroelectronics STA380WS Datasheet HTML 14Page - STMicroelectronics STA380WS Datasheet HTML 15Page - STMicroelectronics STA380WS Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
Electrical specifications
STA380WS
12/48
DocID024426 Rev 1
3.3
Recommended operating conditions
3.4
Electrical specifications - digital section
3.5
Electrical specifications - power section
The specifications in Table 7 below are given for the conditions VCC = 18 V, VDD = 3.3 V,
fSW = 384 kHz, Tamb = 25 °C and RL = 8 , unless otherwise specified.
Table 5. Recommended operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Analog supply voltage (VCCx)
4.5
-
20.0
V
VDD
Digital supply voltage (VDD_DIG)
2.7
3.3
3.6
V
IL
Logic input interface
2.7
3.3
3.6
V
Tamb
Ambient temperature
0
-
70
°C
Table 6. Electrical characteristics for digital section
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Iil
Input current, no pull-up or
pull-down resistor
Vi = 0 V
-
-
±10
μA
Iih
Vi = VDD = 3.6 V
-
-
±10
μA
Vil
Low-level input voltage
-
-
-
0.2 *
VDD
V
Vih
High-level input voltage
-
0.8 *
VDD
--V
Vol
Low-level output voltage
Iol = 2 mA
-
-
0.4 *
VDD
V
Voh
High-level output voltage
Ioh = 2 mA
0.8 *
VDD
--V
Ipu
Pull-up current
-
25
66
125
μA
Rpu
Equivalent pull-up
resistance
--
50
-
k
Table 7. Electrical specifications for power section
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Po
Output power BTL
THD = 1%
-
16
-
W
THD = 10%
-
20
-
RdsON
Power P-channel/N-channel
MOSFET (total bridge)
ld = 1 A
-
180
250
m
ldss
Power P-channel/N-channel
leakage
VCC = 18 V
-
-
10
μA
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com