Electronic Components Datasheet Search
  English  ▼

X  

STA380WS Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA380WS
Description  Sound Terminal 2-channel high-efficiency digital audio system
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA380WS Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA380WS Datasheet HTML 6Page - STMicroelectronics STA380WS Datasheet HTML 7Page - STMicroelectronics STA380WS Datasheet HTML 8Page - STMicroelectronics STA380WS Datasheet HTML 9Page - STMicroelectronics STA380WS Datasheet HTML 10Page - STMicroelectronics STA380WS Datasheet HTML 11Page - STMicroelectronics STA380WS Datasheet HTML 12Page - STMicroelectronics STA380WS Datasheet HTML 13Page - STMicroelectronics STA380WS Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Pin description
STA380WS
10/48
DocID024426 Rev 1
Note:
To increase thermal dissipation, all N.C. (no internal connection) pins must be connected to
GND.
32
I
SDI
I2S serial data channel
33
I
RESET
Reset:
0: reset state, power stage is switched off, all registers are
set to default value
1: normal operation
34
O
INT_LINE
Fault interrupt
35
I/O
SDA
I2C serial data
36
I
SCL
I2C serial clock
37
PWR
GND_DIG
Digital ground
38
PWR
VDD_DIG
Digital supply
39
-
N.C.
No internal connection
40
PWR
GND_SUB
Substrate ground
41
I
SA
I2C select address
42
I
TEST_MODE
This pin must be connected to ground
43
-
N.C.
No internal connection
44
-
N.C.
No internal connection
45
-
N.C.
No internal connection
46
-
N.C.
No internal connection
47
-
N.C.
No internal connection
48
-
N.C.
No internal connection
--EP
Exposed pad for ground-plane heatsink, to be connected
to GND
Table 2. Pin description (continued)
Number
Type
Name
Description
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com