Electronic Components Datasheet Search
  English  ▼

X  

STA380WS Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA380WS
Description  Sound Terminal 2-channel high-efficiency digital audio system
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA380WS Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA380WS Datasheet HTML 11Page - STMicroelectronics STA380WS Datasheet HTML 12Page - STMicroelectronics STA380WS Datasheet HTML 13Page - STMicroelectronics STA380WS Datasheet HTML 14Page - STMicroelectronics STA380WS Datasheet HTML 15Page - STMicroelectronics STA380WS Datasheet HTML 16Page - STMicroelectronics STA380WS Datasheet HTML 17Page - STMicroelectronics STA380WS Datasheet HTML 18Page - STMicroelectronics STA380WS Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
DocID024426 Rev 1
15/48
STA380WS
Electrical specifications
3.6
Power-on/off sequences
The power-on/off sequences shown in Figure 3 and Figure 4 below ensure a pop-free turn-
on and turn-off.
Figure 3. Power-on sequence
Figure 4. Power-off sequence
Don’t care
TR
Don’t care
Don’t care
TC
Don’t care
TR
Don’t care
Don’t care
TC
TR = minimum time between XTI master clock stable and reset removal: 1 ms
TC = minimum time between reset removal and I2C program sequence start: 1 ms
No specific VCC and VDD_DIG turn-on sequence is required
Clock stable means: fmax - fmin < 1 MHz
VCC
VDD_DIG
XTI
RESET
PWRDN
Bit EAPD
Register 0x05
Don’t care
Don’t care
Don’t care
FE
Don’t care
Don’t care
Don’t care
Don’t care
Don’t care
FE
Don’t care
Don’t care
No specific VCC and VDD_DIG turn-off sequence is required
VCC
VDD_DIG
XTI
Mute
Bit EAPD
Register 0x05
Register 0x07
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com