Electronic Components Datasheet Search
  English  ▼

X  

SC16C852LIB Datasheet(PDF) 19 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 15Page - NXP Semiconductors SC16C852LIB Datasheet HTML 16Page - NXP Semiconductors SC16C852LIB Datasheet HTML 17Page - NXP Semiconductors SC16C852LIB Datasheet HTML 18Page - NXP Semiconductors SC16C852LIB Datasheet HTML 19Page - NXP Semiconductors SC16C852LIB Datasheet HTML 20Page - NXP Semiconductors SC16C852LIB Datasheet HTML 21Page - NXP Semiconductors SC16C852LIB Datasheet HTML 22Page - NXP Semiconductors SC16C852LIB Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 63 page
background image
SC16C852L_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 18 January 2008
19 of 63
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
6.10 DMA operation
The SC16C852L FIFO trigger level provides additional flexibility to the user for block mode
operation. The user can optionally operate the transmit and receive FIFOs in the DMA
mode (FCR[3]). The DMA mode affects the state of the RXRDYA/RXRDYB and
TXRDYA/TXRDYB output pins. Table 8 and Table 9 show this.
[1]
Receive FIFO becomes full at 32 bytes when in normal mode. When TXINTLVL or RXINTLVL or FLWCNTH
or FLWCNTL contains any value other than 0x00 (extended mode), then the receive FIFO becomes full at
128 bytes.
[1]
Transmit FIFO becomes full at 32 bytes when in normal mode. When TXINTLVL or RXINTLVL or
FLWCNTH or FLWCNTL contains any value other than 0x00 (extended mode), then the transmit FIFO
becomes full at 128 bytes.
6.11 Loopback mode
The internal loopback capability allows on-board diagnostics. In the Loopback mode, the
normal modem interface pins are disconnected and reconfigured for loopback internally
(see Figure 10). MCR[3:0] register bits are used for controlling loopback diagnostic
testing. In the Loopback mode, the transmitter output (TX) and the receiver input (RX) are
disconnected from their associated interface pins, and instead are connected together
internally. The CTS, DSR, CD, and RI are disconnected from their normal modem control
input pins, and instead are connected internally to RTS, DTR, MCR[3] (OP2A/OP2B) and
MCR[2] (OP1A/OP1B). Loopback test data is entered into the transmit holding register via
the user data bus interface, D[7:0]. The transmit UART serializes the data and passes the
serial data to the receive UART via the internal loopback connection. The receive UART
converts the serial data back into parallel data that is then made available at the user data
interface D[7:0]. The user optionally compares the received data to the initial transmitted
data for verifying error-free operation of the UART TX/RX circuits.
In this mode, the interrupt pin is 3-stated, therefore, the software must use the polling
method (see Section 7.2.2) to send and receive data.
Table 8.
Effect of DMA mode on state of RXRDYA/RXRDYB pin
Non-DMA mode
DMA mode
1 = FIFO empty
0-to-1 transition when FIFO empties
0 = at least 1 byte in FIFO
1-to-0 transition when FIFO reaches trigger level, or time-out
occurs[1]
Table 9.
Effect of DMA mode on state of TXRDYA/TXRDYB pin
Non-DMA mode
DMA mode
1 = at least 1 byte in FIFO
0-to-1 transition when FIFO becomes full[1]
0 = FIFO empty
1-to-0 transition when FIFO has at least one empty location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com