Electronic Components Datasheet Search
  English  ▼

X  

SC16C852LIB Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 6Page - NXP Semiconductors SC16C852LIB Datasheet HTML 7Page - NXP Semiconductors SC16C852LIB Datasheet HTML 8Page - NXP Semiconductors SC16C852LIB Datasheet HTML 9Page - NXP Semiconductors SC16C852LIB Datasheet HTML 10Page - NXP Semiconductors SC16C852LIB Datasheet HTML 11Page - NXP Semiconductors SC16C852LIB Datasheet HTML 12Page - NXP Semiconductors SC16C852LIB Datasheet HTML 13Page - NXP Semiconductors SC16C852LIB Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
SC16C852L_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 18 January 2008
10 of 63
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
RXA
5
4
D1
I
Receive data A, B. These inputs are associated with individual
serial channel data to the SC16C852L receive input circuits, A
through B. The RX signal will be a logic 1 during reset, idle (no
data), or when not receiving data. During the local loopback mode,
the RXA/RXB input pin is disabled and TX data is connected to the
UART RX input, internally.
RXB
4
3
C2
I
RXRDYA
31
--O
Receive Ready A, B (active LOW). This function provides the
RX FIFO/RHR status for individual receive channels (A to B).
RXRDY is primarily intended for monitoring DMA mode 1 transfers
for the receive data FIFOs. A logic 0 indicates there is a receive
data to read/upload, that is, receive ready status with one or more
RX characters available in the FIFO/RHR. This pin is a logic 1
when the FIFO/RHR is empty or when the programmed trigger
level has not been reached. This signal can also be used for single
mode transfers (DMA mode 0).
RXRDYB
18
-
-
O
TXA
7
5
D2
O
Transmit data A, B. These outputs are associated with individual
serial transmit channel data from the SC16C852L. The TX signal
will be a logic 1 during reset, idle (no data), or when the transmitter
is disabled. During the local loopback mode, the TXA/TXB output
pin is disabled and TX data is internally connected to the UART RX
input.
TXB
8
6
E1
O
TXRDYA
43
--O
Transmit Ready A, B (active LOW). These outputs provide the
TX FIFO/THR status for individual transmit channels (A to B).
TXRDY is primarily intended for monitoring DMA mode 1 transfers
for the transmit data FIFOs. An individual channel’s TXRDYA,
TXRDYB buffer ready status is indicated by logic 0, that is, at lease
one location is empty and available in the FIFO or THR. This pin
goes to a logic 1 (DMA mode 1) when there are no more empty
locations in the FIFO or THR. This signal can also be used for
single mode transfers (DMA mode 0).
TXRDYB
6
--O
VDD
42
26
C4
I
Power supply input.
VSS
17
13[1]
D4
I
Signal and power ground.
XTAL1
13
10
F2
I
Crystal or external clock input. Functions as a crystal input or as
an external clock input. A crystal can be connected between this
pin and XTAL2 to form an internal oscillator circuit. Alternatively, an
external clock can be connected to this pin to provide custom data
rates (see Section 6.9 “Programmable baud rate generator”).
See Figure 8.
XTAL2
14
11
E3
O
Output of the crystal oscillator or buffered clock. (See also
XTAL1.) Crystal oscillator output or buffered clock output. Should
be left open if an external clock is connected to XTAL1.
Table 2.
Pin description …continued
Symbol
Pin
Type
Description
LQFP48
HVQFN32
TFBGA36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com