Electronic Components Datasheet Search
  English  ▼

X  

SC16C852LIB Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 28Page - NXP Semiconductors SC16C852LIB Datasheet HTML 29Page - NXP Semiconductors SC16C852LIB Datasheet HTML 30Page - NXP Semiconductors SC16C852LIB Datasheet HTML 31Page - NXP Semiconductors SC16C852LIB Datasheet HTML 32Page - NXP Semiconductors SC16C852LIB Datasheet HTML 33Page - NXP Semiconductors SC16C852LIB Datasheet HTML 34Page - NXP Semiconductors SC16C852LIB Datasheet HTML 35Page - NXP Semiconductors SC16C852LIB Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
SC16C852L_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 18 January 2008
32 of 63
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
7.6 Modem Control Register (MCR)
This register controls the interface with the modem or a peripheral device.
Table 21.
Modem Control Register bits description
Bit
Symbol
Description
7
MCR[7]
Clock select
logic 0 = divide-by-1 clock input
logic 1 = divide-by-4 clock input
6
MCR[6]
IR enable (see Figure 31).
logic 0 = enable the standard modem receive and transmit input/output
interface (normal default condition)
logic 1 = enable infrared IrDA receive and transmit inputs/outputs. While
in this mode, the TX/RX output/inputs are routed to the infrared
encoder/decoder. The data input and output levels will conform to the
IrDA infrared interface requirement. As such, while in this mode, the
infrared TX output will be a logic 0 during idle data conditions.
5
MCR[5]
Reserved; set to ‘0’.
4
MCR[4]
Loopback. Enable the local loopback mode (diagnostics). In this mode the
transmitter output (TX) and the receiver input (RX), CTS, DSR, CD, and RI
are disconnected from the SC16C852L I/O pins. Internally the modem data
and control pins are connected into a loopback data configuration (see
Figure 10). In this mode, the receiver and transmitter interrupts remain fully
operational. The Modem Control Interrupts are also operational, but the
interrupts’ sources are switched to the lower four bits of the Modem Control.
Interrupts continue to be controlled by the IER register.
logic 0 = disable Loopback mode (normal default condition)
logic 1 = enable local Loopback mode (diagnostics)
3
MCR[3]
OP2A/OP2B, INT enable
logic 0 = forces INT (A, B) outputs to the 3-state mode and sets
OP2A/OP2B to a logic 1 (normal default condition)
logic 1 = forces the INT (A, B) outputs to the active mode and sets
OP2A/OP2B to a logic 0
Remark: OP2A/OP2B pins do not exist on the HVQFN32 package.
2
MCR[2]
OP1A/OP1B are not available as an external signal in the SC16C852L. This
bit is instead used in the Loopback mode only. In the Loopback mode, this
bit is used to write the state of the modem RI interface signal.
1
MCR[1]
RTS
logic 0 = force RTS output to a logic 1 (normal default condition)
logic 1 = force RTS output to a logic 0
0
MCR[0]
DTR
logic 0 = force DTR output to a logic 1 (normal default condition)
logic 1 = force DTR output to a logic 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com