Electronic Components Datasheet Search
  English  ▼

X  

SC16C852LIB Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 5Page - NXP Semiconductors SC16C852LIB Datasheet HTML 6Page - NXP Semiconductors SC16C852LIB Datasheet HTML 7Page - NXP Semiconductors SC16C852LIB Datasheet HTML 8Page - NXP Semiconductors SC16C852LIB Datasheet HTML 9Page - NXP Semiconductors SC16C852LIB Datasheet HTML 10Page - NXP Semiconductors SC16C852LIB Datasheet HTML 11Page - NXP Semiconductors SC16C852LIB Datasheet HTML 12Page - NXP Semiconductors SC16C852LIB Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
SC16C852L_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 18 January 2008
9 of 63
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
INTA/IRQ
30
22
C5
O
When 16/68 pin is at logic 1 or unconnected, this output becomes
channel A interrupt output. The output state is defined by the user
through the software setting of MCR[3]. INTA is set to the active
mode and OP2A output to a logic 0 when MCR[3] is set to a
logic 1. INTA is set to the 3-state mode and OP2A is set to a
logic 1 when MCR[3] is set to a logic 0.
When 16/68 pin is at logic 0, this output becomes device interrupt
output (active LOW, open-drain). An external pull-up resistor to
VDD is required.
INTB/n.c.
29
21
C6
O
When 16/68 pin is at logic 1 or unconnected, this output becomes
channel B interrupt output. The output state is defined by the user
through the software setting of MCR[3]. INTB is set to the active
mode and OP2B output to a logic 0 when MCR[3] is set to a
logic 1. INTB is set to the 3-state mode and OP2B is set to a
logic 1 when MCR[3] is set to a logic 0.
When 16/68 pin is at logic 0, this output is not used.
IOR/VDD
19
14
F4
I
When 16/68 pin is at logic 1, this input becomes the read strobe
(active LOW). When 16/68 pin is at logic 0, this input pin is not
used and should be connected to VDD.
IOW/R/W
15
12
F3
I
When 16/68 pin is at logic 1 or unconnected, this input becomes
the write strobe (active LOW).
When 16/68 pin is at logic 0, this input becomes read strobe when
it is at logic HIGH, and write strobe when it is at logic LOW.
OP2A
32
-
-
O
Output 2 (user-defined). This function is associated with
individual channels, A through B. The state at these pin(s) are
defined by the user and through MCR register bit 3. INTA, INTB
are set to the active mode and OP2 to logic 0 when MCR[3] is set
to a logic 1. INTA, INTB are set to the 3-state mode and OP2 to a
logic 1 when MCR[3] is set to a logic 0 (see Table 21 “Modem
Control Register bits description”, bit 3). Since these bits control
both the INTA, INTB operation and OP2 outputs, only one function
should be used at one time, INT or OP2.
OP2B
9
-
-
O
RESET/
RESET
36
24
A6
I
Master Reset. When 16/68 pin is at logic 1 or unconnected, this
input becomes the RESET pin (active HIGH).
When 16/68 pin is at logic LOW, this input pin becomes RESET
(active LOW). (See Section 7.23 “SC16C852L external reset
condition and software reset” for initialization details.)
RIA
41
-
-
I
Ring Indicator (active LOW). These inputs are associated with
individual UART channels, A through B. A logic 0 on this pin
indicates the modem has received a ringing signal from the
telephone line. A logic 1 transition on this input pin will generate an
interrupt if modem status interrupt is enabled.
RIB
21
-
-
I
RTSA
33
23
B6
O
Request to Send (active LOW). These outputs are associated
with individual UART channels, A through B. A logic 0 on the RTSx
pin indicates the transmitter has data ready and waiting to send.
Writing a logic 1 in the modem control register MCR[1] will set this
pin to a logic 0, indicating data is available. After a reset this pin
will be set to a logic 1.
RTSB
22
15
F5
O
Table 2.
Pin description …continued
Symbol
Pin
Type
Description
LQFP48
HVQFN32
TFBGA36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com