Electronic Components Datasheet Search
  English  ▼

X  

SC16C852LIB Datasheet(PDF) 61 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 55Page - NXP Semiconductors SC16C852LIB Datasheet HTML 56Page - NXP Semiconductors SC16C852LIB Datasheet HTML 57Page - NXP Semiconductors SC16C852LIB Datasheet HTML 58Page - NXP Semiconductors SC16C852LIB Datasheet HTML 59Page - NXP Semiconductors SC16C852LIB Datasheet HTML 60Page - NXP Semiconductors SC16C852LIB Datasheet HTML 61Page - NXP Semiconductors SC16C852LIB Datasheet HTML 62Page - NXP Semiconductors SC16C852LIB Datasheet HTML 63Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 61 / 63 page
background image
SC16C852L_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 18 January 2008
61 of 63
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
14. Revision history
Table 44.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
SC16C852L_3
20080118
Product data sheet
-
SC16C852L_2
Modifications:
• added TFBGA36 package option
• Table 10 “SC16C852L internal registers”, sub-section “Second special register set”:
– TXLVLCNT changed from “R/W” to “R”
– RXLVLCNT changed from “R/W” to “R”
• Section 7.12 “Transmit FIFO Level Count (TXLVLCNT)”, 2nd sentence: changed from “It reports the
number of characters available ...” to “It reports the number of spaces available ...”
• Table 38 “Static characteristics”:
– changed maximum IDD(sleep) from “80 µA” to “5 µA”
– changed maximum IDD(lp) from “80 µA” to “5 µA”
• Table 39 “Dynamic characteristics - Intel or 16 mode”:
– minimum tsu(A) changed from 5 ns to 0 ns
– maximum td(IOR-Q) changed from 20 ns to 40 ns
• Table 40 “Dynamic characteristics - Motorola or 68 mode”: maximum td(CS-Q) changed from 20 ns to
40 ns
SC16C852L_2
20070125
Product data sheet
-
SC16C852L_1
SC16C852L_1
20061109
Objective data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com