Electronic Components Datasheet Search
  English  ▼

X  

SC16C852LIB Datasheet(PDF) 30 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 26Page - NXP Semiconductors SC16C852LIB Datasheet HTML 27Page - NXP Semiconductors SC16C852LIB Datasheet HTML 28Page - NXP Semiconductors SC16C852LIB Datasheet HTML 29Page - NXP Semiconductors SC16C852LIB Datasheet HTML 30Page - NXP Semiconductors SC16C852LIB Datasheet HTML 31Page - NXP Semiconductors SC16C852LIB Datasheet HTML 32Page - NXP Semiconductors SC16C852LIB Datasheet HTML 33Page - NXP Semiconductors SC16C852LIB Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
SC16C852L_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 18 January 2008
30 of 63
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
7.4 Interrupt Status Register (ISR)
The SC16C852L provides six levels of prioritized interrupts to minimize external software
interaction. The Interrupt Status Register (ISR) provides the user with six interrupt status
bits. Performing a read cycle on the ISR will provide the user with the highest pending
interrupt level to be serviced. No other interrupts are acknowledged until the pending
interrupt is serviced. A lower level interrupt may be seen after servicing the higher level
interrupt and re-reading the interrupt status bits. Table 15 “Interrupt source” shows the
data values (bits 5:0) for the six prioritized interrupt levels and the interrupt sources
associated with each of these interrupt levels.
Table 15.
Interrupt source
Priority
level
ISR[5]
ISR[4]
ISR[3]
ISR[2]
ISR[1]
ISR[0]
Source of the interrupt
1
0
00110
LSR (Receiver Line Status
Register)
2
0
00100
RXRDY (Received Data Ready)
2
0
01100
RXRDY (Receive Data time-out)
3
0
00010
TXRDY (Transmitter Holding
Register Empty)
4
0
00000
MSR (Modem Status Register)
5
0
10000
RXRDY (Received Xoff signal)/
Special character
6
1
00000CTS, RTS change of state
Table 16.
Interrupt Status Register bits description
Bit
Symbol
Description
7:6
ISR[7:6]
FIFOs enabled. These bits are set to a logic 0 when the FIFOs are not being
used in the non-FIFO mode. They are set to a logic 1 when the FIFOs are
enabled in the SC16C852L mode.
logic 0 or cleared = default condition
5:4
ISR[5:4]
INT priority bits 4:3. These bits are enabled when EFR[4] is set to a logic 1.
ISR[4] indicates that matching Xoff character(s) have been detected. ISR[5]
indicates that CTS, RTS have been generated. Note that once set to a
logic 1, the ISR[4] bit will stay a logic 1 until Xon character(s) are received.
logic 0 or cleared = default condition
3:1
ISR[3:1]
INT priority bits 2:0. These bits indicate the source for a pending interrupt at
interrupt priority levels 1, 2, and 3 (see Table 15).
logic 0 or cleared = default condition
0
ISR[0]
INT status.
logic 0 = an interrupt is pending and the ISR contents may be used as a
pointer to the appropriate interrupt service routine
logic 1 = no interrupt pending (normal default condition)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com