Electronic Components Datasheet Search
  English  ▼

X  

SC16C852LIB Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 1 Page - NXP Semiconductors

  SC16C852LIB Datasheet HTML 1Page - NXP Semiconductors SC16C852LIB Datasheet HTML 2Page - NXP Semiconductors SC16C852LIB Datasheet HTML 3Page - NXP Semiconductors SC16C852LIB Datasheet HTML 4Page - NXP Semiconductors SC16C852LIB Datasheet HTML 5Page - NXP Semiconductors SC16C852LIB Datasheet HTML 6Page - NXP Semiconductors SC16C852LIB Datasheet HTML 7Page - NXP Semiconductors SC16C852LIB Datasheet HTML 8Page - NXP Semiconductors SC16C852LIB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
1.
General description
The SC16C852L is a 1.8 V, low power, dual channel Universal Asynchronous Receiver
and Transmitter (UART) used for serial data communications. Its principal function is to
convert parallel data into serial data and vice versa. The UART can handle serial data
rates up to 5 Mbit/s. The SC16C852L is pin compatible with the SC16C652B. SC16C852L
can be programmed to operate in extended mode (see Section 6.2) where additional
advanced UART features are available. The SC16C852L UART provides enhanced UART
functions with 128-byte FIFOs, modem control interface, DMA mode data transfer, and
IrDA encoder/decoder. The DMA mode data transfer is controlled by the FIFO trigger
levels and the TXRDY and RXRDY signals. On-board status registers provide the user
with error indications and operational status. System interrupts and modem control
features may be tailored by software to meet specific user requirements. An internal
loopback capability allows on-board diagnostics. Independent programmable baud rate
generators are provided to select transmit and receive baud rates.
The SC16C852L with Intel (16 mode) or Motorola (68 mode) bus host interface operates
at 1.8 V and is available in plastic LQFP48, TFBGA36 and very small (Micro-UART)
HVQFN32 packages.
2.
Features
I Dual channel high performance UART
I Intel or Motorola bus interface selectable using 16/68 pin
I 1.8 V operation
I Up to 5 Mbit/s data rate
I 128-byte transmit FIFO to reduce the bandwidth requirement of the external CPU
I 128-byte receive FIFO with error flags to reduce the bandwidth requirement of the
external CPU
I 128 programmable Receive and Transmit FIFO interrupt trigger levels
I 128 Receive and Transmit FIFO reporting levels (level counters)
I Automatic software (Xon/Xoff) and hardware (RTS/CTS or DTR/DSR) flow control
I Industrial temperature range (−40 °C to +85 °C)
I Pin, function, and software compatible to SC16C652B in LQFP48 package
I 128 hardware and software trigger levels
I Automatic 9-bit mode (RS-485) address detection
I Automatic RS-485 driver turn-around with programmable delay
I Dual channel concurrent write
I UART software reset
SC16C852L
1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared
(IrDA) and 16 mode or 68 mode bus interface
Rev. 03 — 18 January 2008
Product data sheet


Similar Part No. - SC16C852LIB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C852LIB PHILIPS-SC16C852LIB Datasheet
284Kb / 60P
1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
Rev. 02-25 January 2007
SC16C852LIBS PHILIPS-SC16C852LIBS Datasheet
284Kb / 60P
1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
Rev. 02-25 January 2007
More results

Similar Description - SC16C852LIB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C852L PHILIPS-SC16C852L Datasheet
284Kb / 60P
1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
Rev. 02-25 January 2007
SC16C850 NXP-SC16C850 Datasheet
253Kb / 53P
2.5 V to 3.3 V UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and 16 mode or 68 mode parallel bus interface
Rev. 01-10 January 2008
SC16C850V NXP-SC16C850V Datasheet
216Kb / 47P
1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 04-14 January 2008
SC16C850L NXP-SC16C850L Datasheet
253Kb / 54P
1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface
Rev. 04-13 December 2007
SC16C850SV NXP-SC16C850SV Datasheet
228Kb / 46P
1.8 V single UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 01-8 July 2008
SC16C852V NXP-SC16C852V_08 Datasheet
268Kb / 54P
1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 04-14 January 2008
SC68C652B NXP-SC68C652B Datasheet
205Kb / 43P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
Rev. 02-2 November 2009
SC68C2550B NXP-SC68C2550B Datasheet
182Kb / 36P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and 68 mode mP interface
Rev. 03-9 October 2009
SC16C852SV NXP-SC16C852SV Datasheet
232Kb / 48P
1.8 V dual UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 01-23 September 2008
SC16C850SV NXP-SC16C850SV_V01 Datasheet
987Kb / 48P
1.8 V single UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 2-22 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com