Electronic Components Datasheet Search
  English  ▼

X  

INA351CDSIDDFR Datasheet(PDF) 22 Page - Texas Instruments

Part # INA351CDSIDDFR
Description  INA351 Cost and Size Optimized, Low Power, 1.8V to 5.5V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA351CDSIDDFR Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA351CDSIDDFR Datasheet HTML 18Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 19Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 20Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 21Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 22Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 23Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 24Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 25Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Table 7-2. INA351 EMIRR IN+ for Frequencies of Interest
FREQUENCY
APPLICATION OR ALLOCATION
EMIRR IN+
400 MHz
Mobile radio, mobile satellite, space operation, weather, radar, ultra-high frequency (UHF)
applications
92 dB
900 MHz
Global system for mobile communications (GSM) applications, radio communication, navigation,
GPS (to 1.6 GHz), GSM, aeronautical mobile, UHF applications
96 dB
1.8 GHz
GSM applications, mobile personal communications, broadband, satellite, L-band (1 GHz to 2 GHz)
100 dB
2.4 GHz
802.11b, 802.11g, 802.11n, Bluetooth®, mobile personal communications, industrial, scientific and
medical (ISM) radio band, amateur radio and satellite, S-band (2 GHz to 4 GHz)
108 dB
3.6 GHz
Radiolocation, aero communication and navigation, satellite, mobile, S-band
106.5 dB
5 GHz
802.11a, 802.11n, aero communication and navigation, mobile communication, space and satellite
operation, C-band (4 GHz to 8 GHz)
105 dB
7.3.4 Typical Specifications and Distributions
Designers often have questions about a typical specification of an amplifier to design a more robust circuit.
Due to natural variation in process technology and manufacturing procedures, every specification of an amplifier
exhibits some amount of deviation from the ideal value, like an amplifier's input offset voltage. These deviations
often follow Gaussian (bell curve), or normal distributions, and circuit designers can leverage this information
to guard band their system, even when there is not a minimum or maximum specification in the Electrical
Characteristics table.
1
1
1
1
1
1
1
1
1
0.00002%
1
1
1
0.00002%
-1
-21
-31
-41
-51
-61
+1
+21
+31
+41
+51
+61
34.13% 13.59%
34.13%
13.59%
2.145%
2.145% 0.13185%
0.13185%
0.00312%
0.00312%
Figure 7-4. Ideal Gaussian Distribution
Figure 7-4 shows an example distribution, where µ, or mu, is the mean of the distribution, and where σ,
or sigma, is the standard deviation of a system. For a specification that exhibits this kind of distribution,
approximately two-thirds (68.26%) of all units can be expected to have a value within one standard deviation, or
one sigma, of the mean (from µ – σ to µ + σ).
Depending on the specification, values listed in the typical column of the Electrical Characteristics table are
represented in different ways. As a general rule, if a specification naturally has a nonzero mean (for example,
like gain bandwidth), then the typical value is equal to the mean (µ). However, if a specification naturally has a
INA351
SBOSAD5D – DECEMBER 2022 – REVISED NOVEMBER 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: INA351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com