Electronic Components Datasheet Search
  English  ▼

X  

INA351CDSIDDFR Datasheet(PDF) 31 Page - Texas Instruments

Part # INA351CDSIDDFR
Description  INA351 Cost and Size Optimized, Low Power, 1.8V to 5.5V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA351CDSIDDFR Datasheet(HTML) 31 Page - Texas Instruments

Back Button INA351CDSIDDFR Datasheet HTML 27Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 28Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 29Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 30Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 31Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 32Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 33Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 34Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
8.4.2 Layout Example
Use ground pours for
shielding the input
signal pairs
1
GS
8
SHDN
2
–IN
7
VS+
3
+IN
6
OUT
4
VS
5
REF
R1
R2
C1
C2
GND
GND
+V
–IN
+IN
OUT
Input traces routed
adjacent to each other
–
V
Ground plane
removed at gain
resistor to minimize
parasitic capacitance
Low-impedance
connection for
reference terminal
Place bypass
capacitors as close to
IC as possible
+IN
–IN
+V
OUT
–V
R1
R2
C1
C2
INA351ABS
GND
_____
Figure 8-7. Example Schematic and Associated PCB Layout
www.ti.com
INA351
SBOSAD5D – DECEMBER 2022 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: INA351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com