Electronic Components Datasheet Search
  English  ▼

X  

INA351CDSIDDFR Datasheet(PDF) 39 Page - Texas Instruments

Part # INA351CDSIDDFR
Description  INA351 Cost and Size Optimized, Low Power, 1.8V to 5.5V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA351CDSIDDFR Datasheet(HTML) 39 Page - Texas Instruments

Back Button INA351CDSIDDFR Datasheet HTML 35Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 36Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 37Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 38Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 39Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 40Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 41Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 42Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
www.ti.com
PACKAGE OUTLINE
C
8X
0.32
0.18
1.6 0.1
2X
1.5
0.9 0.1
6X 0.5
8X
0.4
0.2
0.05
0.00
0.8
0.7
A
2.1
1.9
B
2.1
1.9
0.32
0.18
0.4
0.2
(DIM A) TYP
WSON - 0.8 mm max height
DSG0008A
PLASTIC SMALL OUTLINE - NO LEAD
4218900/E 08/2022
SIDE WALL
METAL THICKNESS
DIM A
OPTION 1
OPTION 2
0.1
0.2
PIN 1 INDEX AREA
SEATING PLANE
0.08 C
1
4
5
8
X 0.25)
(45
PIN 1 ID
0.1
C A B
0.05
C
THERMAL PAD
EXPOSED
9
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 5.500
ALTERNATIVE TERMINAL SHAPE
TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com