Electronic Components Datasheet Search
  English  ▼

X  

INA351CDSIDDFR Datasheet(PDF) 4 Page - Texas Instruments

Part # INA351CDSIDDFR
Description  INA351 Cost and Size Optimized, Low Power, 1.8V to 5.5V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA351CDSIDDFR Datasheet(HTML) 4 Page - Texas Instruments

  INA351CDSIDDFR Datasheet HTML 1Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 2Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 3Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 4Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 5Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 6Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 7Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 8Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
1
GS
2
IN–
3
IN+
4
V–
6
REF
7
OUT
8
V+
9
SHDN
Not to scale
Figure 5-3. RUG Package,
10-Pin X2QFN
(Top View)
Table 5-2. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
IN–
2
I
Negative (inverting) input
IN+
3
O
Positive (noninverting) input
OUT
7
—
Output
REF
6
—
Reference input. This pin internally connects to a reference buffer amplifier in G = 1, unity
gain follower configuration.
GS
1
I
Gain select – logic low (G = 10 for INA351ABS and G = 30 for INA351CDS)
Gain select – logic high (G = 20 for INA351ABS and G = 50 for INA351CDS)
Gain select – no connect (G = 20 for INA351ABS and G = 50 for INA351CDS)
SHDN
9
I
Shutdown – logic high (device enabled)
Shutdown – logic low (device disabled)
Shutdown – no connect (device enabled)
V–
4
—
Negative supply
V+
8
—
Positive supply
NC
5, 10
—
No connect
(1)
I = input, O = output
INA351
SBOSAD5D – DECEMBER 2022 – REVISED NOVEMBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: INA351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com