Electronic Components Datasheet Search
  English  ▼

X  

INA351CDSIDDFR Datasheet(PDF) 1 Page - Texas Instruments

Part # INA351CDSIDDFR
Description  INA351 Cost and Size Optimized, Low Power, 1.8V to 5.5V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA351CDSIDDFR Datasheet(HTML) 1 Page - Texas Instruments

  INA351CDSIDDFR Datasheet HTML 1Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 2Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 3Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 4Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 5Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 6Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 7Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 8Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
INA351 Cost and Size Optimized, Low Power, 1.8V to 5.5V Selectable Gain
Instrumentation Amplifier with Integrated Reference Buffer
1 Features
• Designed for size, cost, and power conscious
applications
• Selectable gain options with integrated reference
buffer
– G = 10 or G = 20 (INA351ABS)
– G = 30 or G = 50 (INA351CDS)
• Space saving ultra-small package options
– 10-pin X2QFN (RUG) – 3mm2
– 8-pin WSON (DSG) – 4mm2
– 8-pin SOT23-THN (DDF) – 4.64mm2
• Optimized performance for 10-bit to 14-bit systems
– CMRR: 95dB (typical) across all gains
– Offset voltage: 0.2mV (typical) across all gains
– Gain error (typical):
• 0.015% for G = 10, G = 50
• 0.020% for G = 20, G = 30
• Bandwidth: 100kHz for G = 10 (typical)
• Drives 500pF with less than 20% overshoot
(typical)
• Optimized quiescent current: 110µA (typical)
• Shutdown option for power conscious applications
• Supply range: 1.8V (±0.9V) to 5.5V (±2.75V)
• Specified temperature range: –40°C to 125°C
2 Applications
• Bridge network sensing
• Differential to single-ended conversion
• Weigh scale
• Analog input module
• Flow transmitter
• Wearable fitness and activity monitor
• Blood glucose monitor
• Pressure and temperature sensing
+
–
+
–
+
–
60 k
60 k
60 k
60 k
REF
V+
OUT
V
IN
+IN
2
3
4
5
6
7
90 k
/ 145 k
90 k
/ 145 k
RG
GS
1
SHDN
8
_____
Note: 90kΩ for INA351ABS and 145kΩ for INA351CDS
Simplified Internal Schematic
3 Description
The INA351 is a selectable-gain instrumentation
amplifier with integrated reference buffer that offers
four gain options across the INA351ABS and
INA351CDS variants available in small packages. The
INA351ABS has gain options of 10 or 20 and the
INA351CDS has gain options of 30 or 50. These
gain options can be selected by toggling the gain
select (GS) pin. The INA351 is an excellent choice
for bridge-type sensing and for differential to single-
ended conversion applications.
Built with precision matched integrated resistors, the
INA351 saves on BOM costs, pick-and-place machine
handling costs, and board space by removing the
need for precise or closely-matched external resistors.
The INA351 can interface directly to low-speed,
10-bit to 14-bit, analog-to-digital converters (ADCs)
and is an excellent choice for replacing discrete
implementation of instrumentation amplifiers built with
commodity amplifiers and discrete resistors.
Designed with the three-amplifier architecture, the
INA351 is optimized for delivering performance. The
device achieves 86dB of minimum CMRR and an
accurate 0.1% of maximum gain error, along with
1.3mV of maximum offset across all gain options,
while consuming just 135µA of maximum quiescent
current. The INA351 has an integrated shutdown
option to turn off the amplifier when idle for additional
power savings in battery-powered applications.
Package Information
PART NUMBER(1)
PACKAGE(2)
PACKAGE SIZE (3)
INA351ABS
DSG (WSON, 8)
2mm × 2mm
DDF (SOT-23, 8)
1.6mm × 2.9mm
RUG (X2QFN, 10)
1.5mm × 2 mm
INA351CDS
DSG (WSON, 8)
2mm × 2mm
DDF (SOT-23, 8)
1.6mm × 2.9mm
RUG (X2QFN, 10)
1.5mm × 2mm
(1)
See Section 4
(2)
For more information, see Section 11.
(3)
The package size (length × width) is a nominal value and
includes pins, where applicable.
INA351
SBOSAD5D – DECEMBER 2022 – REVISED NOVEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA351CDSIDDFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA351CDSIDDFR TI-INA351CDSIDDFR Datasheet
3Mb / 46P
INA351 Cost and Size Optimized, Low Power, 1.8V to 5.5V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
NOVEMBER 2024
More results

Similar Description - INA351CDSIDDFR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD620 AD-AD620 Datasheet
571Kb / 16P
Low Cost, Low Power Instrumentation Amplifier
AD620 AD-AD620_15 Datasheet
643Kb / 21P
Low Cost Low Power Instrumentation Amplifier
Rev. H
logo
JSC ALFA.
AS620 ALFA-AS620 Datasheet
309Kb / 4P
Low Cost Low Power Instrumentation Amplifier
logo
Texas Instruments
INA350 TI-INA350 Datasheet
3Mb / 45P
INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
DECEMBER 2021
INA350 TI-INA350_V01 Datasheet
3Mb / 45P
INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
DECEMBER 2021
INA350 TI-INA350_V02 Datasheet
3Mb / 45P
INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
APRIL 2022
INA351 TI-INA351 Datasheet
3Mb / 40P
INA351 - Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
DECEMBER 2022
INA351 TI1-INA351_V01 Datasheet
3Mb / 41P
INA351 - Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
REVISED FEBRUARY 2023
INA350 TI1-INA350_V03 Datasheet
3Mb / 44P
INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
REVISED MAY 2023
INA351 TI-INA351_V02 Datasheet
3Mb / 41P
INA351 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
REVISED MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com