Electronic Components Datasheet Search
  English  ▼

X  

INA351CDSIDDFR Datasheet(PDF) 5 Page - Texas Instruments

Part # INA351CDSIDDFR
Description  INA351 Cost and Size Optimized, Low Power, 1.8V to 5.5V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA351CDSIDDFR Datasheet(HTML) 5 Page - Texas Instruments

  INA351CDSIDDFR Datasheet HTML 1Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 2Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 3Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 4Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 5Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 6Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 7Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 8Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply voltage, VS = (V+) – (V–)
0
6
V
Signal input pins
Common mode voltage(2)
(V–) – 0.5
(V+) + 0.5
V
Differential voltage(3)
VS + 0.2
V
Current(2)
–10
10
mA
Output short-circuit(4)
Continuous
Operating Temperature, TA
–55
150
°C
Junction Temperature, TJ
150
Storage Temperature, Tstg
–65
150
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
Input pins are diode-clamped to the power-supply rails. Input signals that may swing more than 0.5 V beyond the supply rails must be
current limited to 10 mA or less
(3)
Differential input voltages greater than 0.5 V applied continuously can result in a shift to the input offset voltage above the maximum
specification of this parameter. The magnitude of this effect increases as the ambient operating temperature rises.
(4)
Short-circuit to VS / 2.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage VS = (V+) – (V–)
Single-supply
1.8
5.5
V
Dual-supply
±0.9
±2.75
Input Voltage Range
(V–)
(V+)
V
Specified temperature
Specified temperature
–40
125
°C
6.4 Thermal Information
THERMAL METRIC(1)
INA351ABS, INA351CDS
UNIT
DDF (SOT-23-THN)
DSG (WSON)
RUG (X2QFN)
8 PINS
8 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
172.1
80.3
174.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
90.1
100.4
63.2
°C/W
RθJB
Junction-to-board thermal resistance
88.2
46.4
99.6
°C/W
ψJT
Junction-to-top characterization parameter
7.3
5.3
1.3
°C/W
ψJB
Junction-to-board characterization parameter
88.0
46.4
99.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
21.9
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
www.ti.com
INA351
SBOSAD5D – DECEMBER 2022 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: INA351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com