Electronic Components Datasheet Search
  English  ▼

X  

INA351CDSIDDFR Datasheet(PDF) 29 Page - Texas Instruments

Part # INA351CDSIDDFR
Description  INA351 Cost and Size Optimized, Low Power, 1.8V to 5.5V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA351CDSIDDFR Datasheet(HTML) 29 Page - Texas Instruments

Back Button INA351CDSIDDFR Datasheet HTML 25Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 26Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 27Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 28Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 29Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 30Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 31Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 32Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
Output Voltage (V)
-0.6
0
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
6
-0.6
0
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
6
D09_
VS = 5.5 V
G = 10, 20, 30, 50
VREF = 0 V
Figure 8-5. Input Common-Mode Voltage vs Output Voltage (High CMRR Region)
An additional series resistor in the Wheatstone bridge string (R1) may or may not be required, and can be
decided based on the intended output voltage swing for a particular combination of supply voltage, reference
voltage and the selected gain for an input common-mode voltage range. R1 helps adjust the input common-
mode voltage range, and thus can help accommodate the intended output voltage swing. In this particular
example, it is not required and can be shorted out.
8.2.1.3 Application Curves
The following typical characteristic curve is for the circuit in Figure 8-4.
Bridge Resistance R + 'R (:)
5000 5200 5400 5600 5800 6000 6200 6400 6600 6800 7000
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
0.30
0.27
0.24
0.21
0.18
0.15
0.12
0.09
0.06
0.03
0
D100
VOUT
VDIFF
Figure 8-6. Input Differential Voltage, Output Voltage vs Bridge Resistance
8.3 Power Supply Recommendations
The nominal performance of the INA351 is specified with a supply voltage of ±2.75 V and midsupply reference
voltage. The device also operates using power supplies from ±0.85 V (1.7 V) to ±2.75 V (5.5 V) and non-
midsupply reference voltages with excellent performance. Parameters can vary significantly with operating
voltage and reference voltage.
www.ti.com
INA351
SBOSAD5D – DECEMBER 2022 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: INA351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com