Electronic Components Datasheet Search
  English  ▼

X  

INA351CDSIDDFR Datasheet(PDF) 6 Page - Texas Instruments

Part # INA351CDSIDDFR
Description  INA351 Cost and Size Optimized, Low Power, 1.8V to 5.5V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA351CDSIDDFR Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA351CDSIDDFR Datasheet HTML 2Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 3Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 4Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 5Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 6Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 7Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 8Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 9Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6.5 Electrical Characteristics
For VS = (V+) – (V–) = 1.8 V to 5.5 V (±0.9 V to ±2.75 V) at TA = 25°C, VREF = VS/2, G = 10, RL = 10 kΩ connected to VS / 2,
VCM = [(VIN+) + (VIN–)] / 2 = VS / 2, VIN = (VIN+) – (VIN–) = 0 V and VOUT = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VOSI
Offset Voltage, RTI(1)
VS = 5.5 V, G = 10, 20, 30, 50
TA = 25°C
±0.2
±1.3
mV
Offset Voltage over T,
RTI(1)
VS = 5.5 V, G = 10, 20, 30, 50
TA = –40°C to 125°C
±1.4
mV
Offset temp drift, RTI(2)
VS = 5.5 V, G = 10, 20, 30, 50
TA = –40°C to 125°C
±0.65
µV/°C
PSRR
Power-supply rejection
ratio
G = 10, 20, 30, 50
TA = 25°C
20
75
µV/V
ZIN-DM
Differential Impedance
100 || 5
GΩ || pF
ZIN-CM
Common Mode
Impedance
100 || 9
GΩ || pF
VCM
Input Stage Common
Mode Range(3)
(V–)
(V+)
V
CMRR
DC
Common-mode rejection
ratio, RTI
G = 10, 20, 30, 50, VCM = (V–) + 0.1
V to (V+) – 1 V, High CMRR Region
VS = 5.5 V, VREF = VS/2
86
95
dB
G = 10, 20, 30, 50, VCM = (V–) + 0.1
V to (V+) – 1 V, High CMRR Region
VS = 3.3 V, VREF = VS/2
94
G = 10, 20, 30, 50, VCM = (V–) + 0.1
V to (V+) – 0.1 V
VS = 5.5 V, VREF = VS/2
62
75
BIAS CURRENT
IB
Input bias current
VCM = VS / 2
±0.65
pA
IOS
Input offset current
VCM = VS / 2
±0.25
pA
NOISE VOLTAGE
eNI
Input referred voltage
noise density(5)
G = 10, 20, 30, 50
f = 1 kHz
36
nV/√Hz
G = 10, 20, 30, 50
f = 10 kHz
35
ENI
Input referred voltage
noise(5)
G = 10, fB = 0.1 Hz to 10 Hz
3.2
µVPP
in
Input current noise
f = 1 kHz
22
fA/√Hz
GAIN
GE
Gain error(4)
G = 10, VREF = VS/2
VO = (V–) + 0.1 V to
(V+) – 0.1V
±0.015
±0.10
%
G = 20, VREF = VS/2
±0.020
±0.10
Gain error(4)
G = 30, VREF = VS/2
±0.020
±0.10
G = 50, VREF = VS/2
±0.015
±0.10
OUTPUT
VOH
Positive rail headroom
RL = 10 kΩ to VS/2
15
30
mV
VOL
Negative rail headroom
RL = 10 kΩ to VS/2
15
30
mV
CL Drive Load capacitance drive
VO = 100 mV step, Overshoot < 20%
500
pF
ZO
Closed-loop output
impedance
f = 10 kHz
51
Ω
ISC
Short-circuit current
VS = 5.5 V
±20
mA
FREQUENCY RESPONSE
BW
Bandwidth, –3 dB
G = 10
VIN = 10 mVpk-pk
100
kHz
G = 20
50
Bandwidth, –3 dB
G = 30
40
G = 50
25
THD + N
Total harmonic distortion +
noise
VS = 5.5 V, VCM = 2.75 V, VO = 1 VRMS, G = 10, RL = 100 kΩ
ƒ = 1 kHz, 80-kHz measurement BW
0.035
%
EMIRR
Electro-magnetic
interference rejection ratio
f = 1 GHz, VIN_EMIRR = 100 mV
96
dB
SR
Slew rate
VS = 5 V, VO = 2 V step, G = 10, 20, 30, 50
0.20
V/µs
INA351
SBOSAD5D – DECEMBER 2022 – REVISED NOVEMBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: INA351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com