Electronic Components Datasheet Search
  English  ▼

X  

INA351CDSIDDFR Datasheet(PDF) 24 Page - Texas Instruments

Part # INA351CDSIDDFR
Description  INA351 Cost and Size Optimized, Low Power, 1.8V to 5.5V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA351CDSIDDFR Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA351CDSIDDFR Datasheet HTML 20Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 21Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 22Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 23Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 24Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 25Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 26Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 27Page - Texas Instruments INA351CDSIDDFR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
+
–
V+
V–
+IN
– IN
OUT
Power Supply
ESD Cell
REF
GS
SHDN
_____
Figure 7-5. Equivalent Internal ESD Circuitry
7.4 Device Functional Modes
The INA351 has a shutdown or disable mode to enable power savings in battery powered applications. The
shutdown mode has a maximum quiescent current of just 1.25 µA, which is 100 times lower from the quiescent
current when the amplifier is powered-on or enabled.
The INA351 enters disable mode when the SHDN pin is tied low. The INA351 is enabled when the SHDN pin is
tied high. A no connection or a floating SHDN pin enables or powers-on the INA as the pin has an internal pull
up current to default to the same configuration as SHDN pin tied high.
INA351
SBOSAD5D – DECEMBER 2022 – REVISED NOVEMBER 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: INA351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com